Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD536 Datasheet(PDF) 2 Page - Analog Devices

Part # AD536
Description  Integrated Circuit True RMS-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536 Datasheet(HTML) 2 Page - Analog Devices

  AD536 Datasheet HTML 1Page - Analog Devices AD536 Datasheet HTML 2Page - Analog Devices AD536 Datasheet HTML 3Page - Analog Devices AD536 Datasheet HTML 4Page - Analog Devices AD536 Datasheet HTML 5Page - Analog Devices AD536 Datasheet HTML 6Page - Analog Devices AD536 Datasheet HTML 7Page - Analog Devices AD536 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD536A–SPECIFICATIONS
Model
AD536AJ
AD536AK
AD536AS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
TRANSFER FUNCTION
V
OUT =
avg .(V
IN )
2
V
OUT =
avg .(V
IN )
2
V
OUT =
avg .(V
IN )
2
CONVERSION ACCURACY
Total Error, Internal Trim1 (Figure 1)
5
0.5
2
0.2
5
0.5
mV
± % of Reading
vs. Temperature, TMIN to +70
°C
±0.1 ±0.01
±0.05 ±0.005
0.1
0.005
mV
± % of Reading/°C
+70
°C to +125°C
0.3
0.005
mV
± % of Reading/°C
vs. Supply Voltage
±0.1 ±0.01
±0.1 ±0.01
±0.1 ±0.01
mV
± % of Reading/V
dc Reversal Error
±0.2
±0.1
±0.2
± % of Reading
Total Error, External Trim
1 (Figure 2)
±3 ±0.3
±2 ±0.1
±3 ±0.3
mV
± % of Reading
ERROR VS. CREST FACTOR
2
Crest Factor 1 to 2
Specified Accuracy
Specified Accuracy
Specified Accuracy
Crest Factor = 3
–0.1
–0.1
–0.1
% of Reading
Crest Factor = 7
–1.0
–1.0
–1.0
% of Reading
FREQUENCY RESPONSE
3
Bandwidth for 1% Additional Error (0.09 dB)
VIN = 10 mV
5
5
5
kHz
VIN = 100 mV
45
45
45
kHz
VIN = 1 V
120
120
120
kHz
±3 dB Bandwidth
VIN = 10 mV
90
90
90
kHz
VIN = 100 mV
450
450
450
kHz
VIN = 1 V
2.3
2.3
2.3
MHz
AVERAGlNG TlME CONSTANT (Figure 5)
25
25
25
ms/
µF CAV
INPUT CHARACTERISTICS
Signal Range,
±15 V Supplies
Continuous rms Level
0 to 7
0 to 7
0 to 7
V rms
Peak Transient Input
±20
±20
±20
V peak
Continuous rms Level,
±5 V Supplies
0 to 2
0 to 2
0 to 2
V rms
Peak Transient Input,
±5 V Supplies
±7
±7
±7
V peak
Maximum Continuous Nondestructive
Input Level (All Supply Voltages)
±25
±25
±25
V peak
Input Resistance
13.33
16.67
20
13.33
16.67
20
13.33
16.67
20
k
Input Offset Voltage
0.8
±2
0.5
±1
0.8
±2mV
OUTPUT CHARACTERISTICS
Offset Voltage, VIN = COM (Figure 1)
±1
±2
±0.5
±1
2
mV
vs. Temperature
±0.1
±0.1
0.2
mV/
°C
vs. Supply Voltage
±0.1
±0.1
±0.2
mV/V
Voltage Swing,
±15 V Supplies
0 to +11
+12.5
0 to +11
+12.5
0 to +11
+12.5
V
±5 V Supply
0 to +2
0 to +2
0 to +2
V
dB OUTPUT (Figure 13)
Error, VlN 7 mV to 7 V rms, 0 dB = 1 V rms
±0.4
0.6
±0.2
0.3
±0.5
0.6
dB
Scale Factor
–3
–3
–3
mV/dB
Scale Factor TC (Uncompensated, see Fig-
ure 1 for Temperature Compensation)
–0.033
–0.033
–0.033
dB/
°C
+0.33
+0.33
+0.33
% of Reading/
°C
IREF for 0 dB = 1 V rms
5
20
80
5
20
80
5
20
80
µA
IREF Range
1
100
1
100
1
100
µA
IOUT TERMINAL
IOUT Scale Factor
40
40
40
µA/V rms
IOUT Scale Factor Tolerance
±10
±20
±10
±20
±10
±20
%
Output Resistance
20
25
30
20
25
30
20
25
30
k
Voltage Compliance
–VS to (+VS
–VS to (+VS
–VS to (+VS
–2.5 V)
–2.5 V)
–2.5 V)
V
BUFFER AMPLIFIER
Input and Output Voltage Range
–VS to (+VS
–VS to (+VS
–VS to (+VS
V
–2.5 V)
–2.5 V)
–2.5 V)
Input Offset Voltage, RS = 25 k
±0.5
4
±0.5
4
±0.5
4
mV
Input Bias Current
20
60
20
60
20
60
nA
Input Resistance
108
108
108
Output Current
(+5 mA,
(+5 mA,
(+5 mA,
–130
µA)
–130
µA)
–130
µA)
Short Circuit Current
20
20
20
mA
Output Resistance
0.5
0.5
0.5
Small Signal Bandwidth
1
1
1
MHz
Slew Rate4
555
V/
µs
POWER SUPPLY
Voltage Rated Performance
±15
±15
±15
V
Dual Supply
±3.0
±18
±3.0
±18
±3.0
±18
V
Single Supply
+5
+36
+5
+36
+5
+36
V
Quiescent Current
Total VS, 5 V to 36 V, TMIN to TMAX
1.2
2
1.2
2
1.2
2
mA
TEMPERATURE RANGE
Rated Performance
0
+70
0
+70
–55
+125
°C
Storage
–55
+150
–55
+150
–55
+150
°C
NUMBER OF TRANSISTORS
65
65
65
NOTES
1Accuracy is specified for 0 V to 7 V rms, dc or 1 kHz sine wave input with the AD536A connected as in the figure referenced.
2Error vs. crest factor is specified as an additional error for 1 V rms rectangular pulse input, pulsewidth = 200
µs.
3Input voltages are expressed in volts rms, and error is percent of reading.
4With 2k external pull-down resistor.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed,
although only those shown in boldface are tested on all production units.
(@ +25 C, and
15 V dc unless otherwise noted)


Similar Part No. - AD536

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360BCPZ-REEL71 AD-AD5360BCPZ-REEL71 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BCPZ1 AD-AD5360BCPZ1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ-REEL1 AD-AD5360BSTZ-REEL1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360BSTZ1 AD-AD5360BSTZ1 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Similar Description - AD536

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
   Integrated Circuit True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com