Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3N-1207SZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM3N-1207SZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-1207SZ Datasheet(HTML) 3 Page - AIMTEC

  AM3N-1207SZ Datasheet HTML 1Page - AIMTEC AM3N-1207SZ Datasheet HTML 2Page - AIMTEC AM3N-1207SZ Datasheet HTML 3Page - AIMTEC AM3N-1207SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM3N-S-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
3 of 4
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Line voltage regulation (Single)
±0.5
%
Load voltage regulation (Single)
0 to 100% load
±0.5
%
Load voltage regulation (Single)
3.3V output model
0 to 100% load
±1.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
Rising time
150
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
40
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum Case temperature
95
oC
Cooling
Free air convection
Humidity
Non condensing
90
%
Case material
Nickel-coated copper, at 5200VDC plastic
Weight
14.5
g
Dimensions (L x W xH)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.80 x 0.40 inches 31.75 x 20.32 x 10.16 mm
MTBF
>954 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Standards
Agency Approval / Marking
CE
Safety Standards
EN55022 Class A,
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
Pin Out Specifications
Pin
1000VDC
3000 and 5200VDC
Single
Single
1
+V Input
+V Input
2
N.C.
+V Input
3
N.C.
No pin
10
-V Output
No pin
11
+V Output
No pin
12
-V Input
-V Output
13
-V Input
+V Output
14
+V Output
No pin
15
-V Output
No pin
22
N.C.
No pin
23
N.C.
-V Input
24
+V Input
-V Input


Similar Part No. - AM3N-1207SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3N-1207S AIMTEC-AM3N-1207S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3N-1207SH30 AIMTEC-AM3N-1207SH30 Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3N-1207SH52 AIMTEC-AM3N-1207SH52 Datasheet
236Kb / 2P
   3 watt dc-dc converters
More results

Similar Description - AM3N-1207SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com