Electronic Components Datasheet Search |
|
031-1302-000 Datasheet(PDF) 8 Page - ITT Industries |
|
031-1302-000 Datasheet(HTML) 8 Page - ITT Industries |
8 / 34 page C2 C7 8* 10C3* B16C3* 17 23 25C3* C2 Contact Arr. No. of Contacts & Wire size Test Voltage AC (RMS) C7 8 10C3 B16C3 17 23 25C3 NOTE: See pages 59-60 for Coaxial/Power Contact Termination Data PIN Contact Type Code R AB Consult Factory K A B Same as Socket (Use C7) C AA Z 1-8 L l L J M A M B M C M K M Z M AA L L L K L C L A L B L Z L AA SOCKET Contact Type Code R Consult Factory AC F G Same as Pin Same as Pin K Same as Pin Same as Pin Same as Pin 1-8 Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Same as Pin Contact Numbers 1-2 1-2 1-7 1-7 1-7 1-7 1-7 1-7 8 1-4, 8-10 5,6,7 1-4, 8-10 5,6,7 4-16 1-3 4-16 1-3 4-16 1-3 4-16 1-3 4-16 1-3 4-16 1-3 1-17 1-23 4-25 1-3 4-25 1-3 4-25 1-3 4-25 1-3 4-25 1-3 4-25 1-3 No. of Contacts 2 2 4 3 7 0 Contact Numbers 1-2 1-2 1,2,4,5 3,6,7 1-7 22 2 1 L F G 4-25 1,3 2 22 (#20). 3 coax 23 #20 17 #20 13 #16 3 coax 7 #20 3 coax 8 #12 7 coax 2 coax (RG-9/U) 1000 (1-7)V 1000 (1,2)V matched impedance 2000V 1500 (4-16)V 1000 (1-3)V 1500 (1-4, 8-10)V 2000V 1500 (4-25)V. 1000 (1-3)V 2000 (15-23). 1500 (1-14)V. No. of Contacts 2 2 7 7 7 7 7 7 N 7 3 7 3 13 3 13 3 13 3 13 3 13 3 13 3 17 23 22 3 22 3 22 3 22 3 22 3 22 3 Contacts Arr. No. C2 C2C C2M C7 C7A C7B C7B C7M C7X C7AA 8 10C3 A10C3 B16C3 C16C3 G16C3 J16C3 ZE16C3 ZF16C3 17 23 25C3 F25C3 G25C3 J25C3 Q25C3 R25C3 ARINC 404 DPX Contact Arrangement Variations Solder Type (Captive Contacts) 50 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |
Similar Part No. - 031-1302-000 |
|
Similar Description - 031-1302-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |