Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1G-2405DH30Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM1G-2405DH30Z
Description  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G-2405DH30Z Datasheet(HTML) 1 Page - AIMTEC

  AM1G-2405DH30Z Datasheet HTML 1Page - AIMTEC AM1G-2405DH30Z Datasheet HTML 2Page - AIMTEC AM1G-2405DH30Z Datasheet HTML 3Page - AIMTEC AM1G-2405DH30Z Datasheet HTML 4Page - AIMTEC AM1G-2405DH30Z Datasheet HTML 5Page - AIMTEC AM1G-2405DH30Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AM1G-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
1 of 6
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
AM1G-0503SZ
4.5-9
3.3
303
1000
3300
65
AM1G-0505SZ
4.5-9
5
200
1000
3300
65
AM1G-0507SZ
4.5-9
7.2
139
1000
470
65
AM1G-0509SZ
4.5-9
9
111
1000
470
66
AM1G-0512SZ
4.5-9
12
83
1000
470
66
AM1G-0515SZ
4.5-9
15
67
1000
470
66
AM1G-0518SZ
4.5-9
18
56
1000
220
66
AM1G-0524SZ
4.5-9
24
41
1000
220
66
AM1G-1203SZ
9-18
3.3
303
1000
3300
66
AM1G-1205SZ
9-18
5
200
1000
3300
68
AM1G-1207SZ
9-18
7.2
139
1000
470
68
AM1G-1209SZ
9-18
9
111
1000
470
72
AM1G-1212SZ
9-18
12
83
1000
470
72
AM1G-1215SZ
9-18
15
67
1000
470
72
AM1G-1218SZ
9-18
18
56
1000
220
70
AM1G-1224SZ
9-18
24
41
1000
220
70
AM1G-2403SZ
18-36
3.3
303
1000
3300
65
AM1G-2405SZ
18-36
5
200
1000
3300
68
AM1G-2407SZ
18-36
7.2
139
1000
470
68
AM1G-2409SZ
18-36
9
111
1000
470
70
AM1G-2412SZ
18-36
12
83
1000
470
72
AM1G-2415SZ
18-36
15
67
1000
470
72
AM1G-2418SZ
18-36
18
56
1000
220
70
AM1G-2424SZ
18-36
24
41
1000
220
70
AM1G-4803SZ
36-72
3.3
303
1000
3300
64
AM1G-4805SZ
36-72
5
200
1000
3300
65
AM1G-4807SZ
36-72
7.2
139
1000
470
65
AM1G-4809SZ
36-72
9
111
1000
470
67
AM1G-4812SZ
36-72
12
83
1000
470
70
AM1G-4815SZ
36-72
15
67
1000
470
70
AM1G-4818SZ
36-72
18
56
1000
220
68
AM1G-4824SZ
36-72
24
41
1000
220
68
AM1G-0503SH30Z
4.5-9
3.3
303
3000
3300
65
AM1G-0505SH30Z
4.5-9
5
200
3000
3300
65
AM1G-0507SH30Z
4.5-9
7.2
139
3000
470
65
AM1G-0509SH30Z
4.5-9
9
111
3000
470
66
AM1G-0512SH30Z
4.5-9
12
83
3000
470
66
AM1G-0515SH30Z
4.5-9
15
67
3000
470
66
AM1G-0518SH30Z
4.5-9
18
56
3000
220
66
AM1G-0524SH30Z
4.5-9
24
41
3000
220
66
AM1G-1203SH30Z
9-18
3.3
303
3000
3300
66
AM1G-1205SH30Z
9-18
5
200
3000
3300
68
AM1G-1207SH30Z
9-18
7.2
139
3000
470
68
AM1G-1209SH30Z
9-18
9
111
3000
470
72
AM1G-1212SH30Z
9-18
12
83
3000
470
72
• RoHS compliant
• Operating temperature -40
oC to + 85oC
• High efficiency up to 76%
• Continuous Short circuit protection
• Remote On/Off Control
• Wide 2:1 input range
• 8 pin SIP package
• Input / Output Isolation 1000 & 3000VDC


Similar Part No. - AM1G-2405DH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1G-Z AIMTEC-AM1G-Z_13 Datasheet
289Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1G-2405DH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com