Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H277 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H277
Description  On-chip Hall sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H277 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H277 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200907
Issued Date : 2009.04.03
Revised Date :2009.10.29
Page No. : 2/7
H277
HSMC Product Specification
Pin Configuration
Name
P/I/O
Pin No.
Description
VCC
P
1
Power Supply Input
DO
O
2
Output Pin
DOB
O
3
Output Pin
GND
P
4
Ground
Block Diagram
Temperature
Compensation
Voltage
Regulator
Logic Control
Vcc
Hall
Effect
Sensor
Differential
Amplifier
Hysteresis
Control
Output
Driver
Vout2
GND
Vout1
GND
Fig.3 Functional Block Diagram of H277
Absolute Maximum Ratings (Ta=25oC)
Characteristics
Symbol
Values
Unit
Supply Voltage
VCC
20
V
Output breakdown Voltage
VOUT(breakdown)
35
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Zener Breakdown
VZ
28
V
Output ON Current (continuous)
IC
300
mA
Maximum Output Current
ICMAX
1
A
Operating Temperature Range
TA
-20 to +85
Storage Temperature Range
TStg
-65 to +150
Package Power Dissipation
PD
500
mW
Maximum Junction Temperature
TJ
150


Similar Part No. - H277

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H27 MCC-H27 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H27-1 MCC-H27-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H27-2 MCC-H27-2 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H27-3 MCC-H27-3 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
SHANTOU HUASHAN ELECTRO...
H2717 HUASHAN-H2717 Datasheet
183Kb / 3P
   NPN SILICON TRANSISTOR
More results

Similar Description - H277

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
AH277A SIFIRST-AH277A Datasheet
90Kb / 2P
   On-Chip Hall Sensor
logo
First Components Intern...
FH130 FCI-FH130 Datasheet
217Kb / 5P
   25mA 30V FH130 Hall Effect Latch S ensor On-chip Hall Sensor
logo
Shenzhen Huazhimei Semi...
HM713 HMSEMI-HM713 Datasheet
640Kb / 7P
   Single chip Hall effect current sensor
logo
Siemens Semiconductor G...
KSY13 SIEMENS-KSY13 Datasheet
79Kb / 3P
   Hall Sensor
KSY14 SIEMENS-KSY14 Datasheet
88Kb / 3P
   Hall Sensor
KSY16 SIEMENS-KSY16 Datasheet
61Kb / 2P
   Hall Sensor
logo
List of Unclassifed Man...
PT-30E6 ETC1-PT-30E6 Datasheet
109Kb / 1P
   Hall Sensor
logo
Siemens Semiconductor G...
KSY10 SIEMENS-KSY10 Datasheet
115Kb / 3P
   Hall Sensor
logo
Infineon Technologies A...
KSY10 INFINEON-KSY10 Datasheet
96Kb / 3P
   Hall Sensor
1999-04-01
KSY13 INFINEON-KSY13 Datasheet
68Kb / 3P
   Hall Sensor
1999-04-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com