Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC60D120 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # HDC60D120
Description  Ratings of 120A and 160A @ 48VDC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

HDC60D120 Datasheet(HTML) 2 Page - Crydom Inc.,

  HDC60D120 Datasheet HTML 1Page - Crydom Inc., HDC60D120 Datasheet HTML 2Page - Crydom Inc., HDC60D120 Datasheet HTML 3Page - Crydom Inc., HDC60D120 Datasheet HTML 4Page - Crydom Inc., HDC60D120 Datasheet HTML 5Page - Crydom Inc., HDC60D120 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
HDC60Dxxx
HDC60Axxx
Control Voltage Range
4.5-32 Vdc
90-140 VAC
Must Turn-Off Voltage
4.2 VDC
35 VAC
Minimum Input Current @ Minimum Voltage (for on-state)
23 mA
31 mA
Maximum Input Current @ Maximum Voltage
45 mA
33 mA
Nominal Input Impedance
Current Regulated
Current Regulated
Maximum Turn-On Time at min voltage
90.5 µs
6 ms
Maximum Turn-On Time at max voltage
8.5 µs
4 ms
Maximum Turn-Off Time at min voltage
145 µs
9.2 ms
Maximum Turn-Off Time at max voltage
330 µs
9.2 ms
LED Status Indicator (Color)
Green
Green
Terminal Type / size in (mm)
QC / 0.187 (4.75)
QC / 0.187 (4.75)
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC)
1010 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Maximum Humidity
85% non-condensing
Weight (typical) lbs/grams
0.75/340.2
Housing Material
PBT 30% GF, UL 94 V-0
SSR Mounting Torque Range [in lbs/Nm]
18-20 (2-2.2)
Baseplate Material
Aluminum
Encapsulation
Thermal Conductive Epoxy
RoHS Exemption #’s
None
GENERAL NOTES
1) All parameters at 40°C unless otherwise specified.
2) Heat sinking required, see derating curves.
3) See PWM Derating Chart.
WIRING DIAGRAM


Similar Part No. - HDC60D120

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HDC6.0CA DIODES-HDC6.0CA Datasheet
71Kb / 2P
   375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
DS30087 Rev. 1P-0
More results

Similar Description - HDC60D120

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HDC200D120 CRYDOM-HDC200D120 Datasheet
741Kb / 6P
   Ratings of 120A and 160A @ 150VDC
HDC100D120 CRYDOM-HDC100D120 Datasheet
733Kb / 6P
   Ratings of 120A and 160A @ 72VDC
logo
Fuji Electric
1MBH15D-060 FUJI-1MBH15D-060 Datasheet
358Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH05D-120 FUJI-1MBH05D-120 Datasheet
361Kb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH10D-120 FUJI-1MBH10D-120 Datasheet
4Mb / 14P
   Ratings and characteristics of Fuji IGBT?
1MBH50D-060S FUJI-1MBH50D-060S Datasheet
3Mb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH05D-060 FUJI-1MBH05D-060 Datasheet
373Kb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH08D-120 FUJI-1MBH08D-120 Datasheet
369Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH10D-060 FUJI-1MBH10D-060 Datasheet
347Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH75D-060S FUJI-1MBH75D-060S Datasheet
4Mb / 13P
   Ratings and characteristics of Fuji IGBT?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com