Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED10F5 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # ED10F5
Description  DC output Solid State Relay in an Industry standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

ED10F5 Datasheet(HTML) 2 Page - Crydom Inc.,

  ED10F5 Datasheet HTML 1Page - Crydom Inc., ED10F5 Datasheet HTML 2Page - Crydom Inc., ED10F5 Datasheet HTML 3Page - Crydom Inc., ED10F5 Datasheet HTML 4Page - Crydom Inc., ED10F5 Datasheet HTML 5Page - Crydom Inc., ED10F5 Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
EDxxD5
EDxxC5
EDxxF5
EDxxE5
EDxxB5
Control Voltage Range
5-15 VDC
18-32 VDC
48-72 VDC
18-36 VAC
90-140 VAC
Minimum Turn-On Voltage
5 VDC
18 VDC
48 VDC
18 VAC
90 VAC
Minimum Turn-Off Voltage
1.3 VDC
2 VDC
4 VDC
4 VAC
11 VAC
Maximum Reverse Voltage
3 VDC
3 VDC
3 VDC
N/A
N/A
Minimum Input Current [mA]
11
10.7
10.8
12
7.3
Maximum Input Current [mA]
42.8
19.7
16.3
25.3
10.9
Nominal Input Impedance [ohms]
350
1.6K
4.4K
1.5K
12.5K
Maximum Turn-On Time [msec]
0.6
0.6
0.6
0.6
0.6
Maximum Turn-Off Time [msec]
0.3
0.3
0.3
0.3
0.3
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC)
10
9 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30ºC to 80ºC
Ambient Storage Temperature Range
-40ºC to 125ºC
Weight (typical)
0.71 oz. (30 g)
Maximum Humidity
85% non-condensing
Housing Material
PBT 30% GF, UL94 V-0
Terminals Material
Copper w/Sulfamet Nickel finish
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Maximum Rated voltage for ED06xx is 60 VDC and 100 VDC for ED10xx
3) Maximum Motor Controller current is 1.5 FLA for EDxxB5 and EDxxE5
4) PWM does not apply to EDxxB5 and EDxxE5
MECHANICAL SPECIFICATIONS


Similar Part No. - ED10F5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
ED10F5 CRYDOM-ED10F5 Datasheet
691Kb / 6P
   DC output Solid State Relay in an Industry standard EMR plug in package
More results

Similar Description - ED10F5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
ED06D5 CRYDOM-ED06D5_17 Datasheet
691Kb / 6P
   DC output Solid State Relay in an Industry standard EMR plug in package
ED24D1 CRYDOM-ED24D1 Datasheet
671Kb / 6P
   AC output Solid State Relay in an Industry standard EMR plug in package
ED24DX CRYDOM-ED24DX Datasheet
873Kb / 6P
   AC output Solid State Relay in an Industry standard EMR plug in package
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
   DC Output Solid State Relay
PCS32 PICKER-PCS32 Datasheet
245Kb / 2P
   DC Output Solid State Relay
PCS32 PICKER-PCS32_17 Datasheet
1Mb / 3P
   DC Output Solid State Relay
PCD32 PICKER-PCD32 Datasheet
342Kb / 3P
   DC Output Solid State Relay
logo
Solid State Optronic
SMA4122 SSOUSA-SMA4122 Datasheet
222Kb / 6P
   DC MOSFET Output Solid State Relay
logo
Picker Components
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
   DC OutPut Compact Solid State Relay
PCS33 PICKER-PCS33_17 Datasheet
1Mb / 3P
   Solid State Relay?봎OSFET DC Voltage Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com