Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1117 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H1117
Description  1.2A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H1117 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H1117 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H1117 Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200401
Issued Date : 2004.02.01
Revised Date : 2005.07.14
Page No. : 3/8
H1117 Series
HSMC Product Specification
Characteristics Curve
Ripple Rejection & Frequency
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
Frequency (Hz)
Vin-Vout(ic)=3VDC+1Vrms
Iout=100mA
Tj=25
oC
Current Range
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Ouput Current(A)
Vin-Vout=3VDC
Tj=25
oC
Output Voltage Change & Temperature
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
50
100
150
200
Temperature (
oC)
Iout=10mA
Dropout Voltage & Output Current
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
0
200
400
600
800
1000
1200
1400
Iout (mA)
Start Time
0
1
2
3
4
5
6
7
8
0
100
200
300
400
500
Time (uS)
Vinput
0mA, Voutput
1A, Voutput
Load Transient Response
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
35
40
45
50
Time (uS)
1.0
0.5
0
Vin-Vout=1.5V
Tj=25
oC


Similar Part No. - H1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1117 ETC-H1117 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Hi-Sincerity Mocroelect...
H1117-3.3E HSMC-H1117-3.3E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117-3.3J HSMC-H1117-3.3J Datasheet
59Kb / 6P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
H1117EADJ HSMC-H1117EADJ Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
   1.2A Low-Dropout Voltage Regulator
MIC2940A MICREL-MIC2940A_07 Datasheet
329Kb / 11P
   1.2A Low-Dropout Voltage Regulator
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com