Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3T-2405D-VZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM3T-2405D-VZ
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-2405D-VZ Datasheet(HTML) 3 Page - AIMTEC

  AM3T-2405D-VZ Datasheet HTML 1Page - AIMTEC AM3T-2405D-VZ Datasheet HTML 2Page - AIMTEC AM3T-2405D-VZ Datasheet HTML 3Page - AIMTEC AM3T-2405D-VZ Datasheet HTML 4Page - AIMTEC AM3T-2405D-VZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM3T-VZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
3 of 5
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM3T-0524DH35-VZ
4.5-9
±24
±63
±100
70
AM3T-1205DH35-VZ
9-18
±5
±300
±1000
76
AM3T-1207DH35-VZ
9-18
±7.2
±208
±220
77
AM3T-1209DH35-VZ
9-18
±9
±167
±220
77
AM3T-1212DH35-VZ
9-18
±12
±125
±220
79
AM3T-1215DH35-VZ
9-18
±15
±100
±220
79
AM3T-1218DH35-VZ
9-18
±18
±83
±220
78
AM3T-1224DH35-VZ
9-18
±24
±63
±100
79
AM3T-2405DH35-VZ
18-36
±5
±300
±1000
80
AM3T-2407DH35-VZ
18-36
±7.2
±208
±220
78
AM3T-2409DH35-VZ
18-36
±9
±167
±220
80
AM3T-2412DH35-VZ
18-36
±12
±125
±220
82
AM3T-2415DH35-VZ
18-36
±15
±100
±220
82
AM3T-2418DH35-VZ
18-36
±18
±83
±220
80
AM3T-2424DH35-VZ
18-36
±24
±63
±100
80
AM3T-4805DH35-VZ
36-72
±5
±300
±1000
78
AM3T-4807DH35-VZ
36-72
±7.2
±208
±220
78
AM3T-4809DH35-VZ
36-72
±9
±167
±220
79
AM3T-4812DH35-VZ
36-72
±12
±125
±220
80
AM3T-4815DH35-VZ
36-72
±15
±100
±220
80
AM3T-4818DH35-VZ
36-72
±18
±83
±220
78
AM3T-4824DH35-VZ
36-72
±24
±63
±100
80
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-72
Filter
π
(Pi) Network
Start-up time
20
ms
Absolute Maximum Rating
5 Vin
-0.7-15
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
15
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 (3500 ‘H35’
model)
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Balanced Load
±1
%
Short circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
±0.5
%
Load voltage regulation
±0.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p


Similar Part No. - AM3T-2405D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-2405D-VZ AIMTEC-AM3T-2405D-VZ Datasheet
265Kb / 7P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3T-2405D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com