Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5E-4815S-FZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM5E-4815S-FZ
Description  5 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5E-4815S-FZ Datasheet(HTML) 2 Page - AIMTEC

  AM5E-4815S-FZ Datasheet HTML 1Page - AIMTEC AM5E-4815S-FZ Datasheet HTML 2Page - AIMTEC AM5E-4815S-FZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM5E-FZ
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
2 of 3
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-72
Filter
π(PI )
Start up time
400
ms
Absolute Maximum Rating
12 Vin
-0.7-25
VDC
24 Vin
-0.7-50
48 Vin
-0.7-100
Peak Input Voltage time
100
ms
No Load Input Current
<3
mA
Input reflected current
250
mAp-p
Transient recovery deviation
±5
%of Vout
Transient response time
50% load step
change
300
µs
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
24 Vin
580
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Over load protection
150
%
Over Voltage Protection
Zener Diode Clamp
Line voltage regulation
LL-HL
±0.5
%
Load voltage regulation (Single)
25-100%
±0.5
%
Load voltage regulation (Dual)
10-100% Balanced
±0.5
%
25-100% Unbalanced
±5
Temperature coefficient
±0.02
% oC
Ripple & Noise
20MHz Bandwidth
75
mVp-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
300
KHz
Operating temperature
-55 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Weight
30
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.20 mm
MTBF
>1,960,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum soldering temperature
1.5mm from case max 10 sec
260
oC


Similar Part No. - AM5E-4815S-FZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5E-4815S-FZ

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com