Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5317 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5317
Description  2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317 Datasheet(HTML) 5 Page - Analog Devices

  AD5317 Datasheet HTML 1Page - Analog Devices AD5317 Datasheet HTML 2Page - Analog Devices AD5317 Datasheet HTML 3Page - Analog Devices AD5317 Datasheet HTML 4Page - Analog Devices AD5317 Datasheet HTML 5Page - Analog Devices AD5317 Datasheet HTML 6Page - Analog Devices AD5317 Datasheet HTML 7Page - Analog Devices AD5317 Datasheet HTML 8Page - Analog Devices AD5317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–5–
AD5334 FUNCTIONAL BLOCK DIAGRAM
VOUTA
BUFFER
GND
AD5334
VOUTB
BUFFER
VOUTC
BUFFER
VOUTD
BUFFER
POWER-ON
RESET
TO ALL DACS
AND BUFFERS
POWER-DOWN
LOGIC
PD
DAC
REGISTER
8-BIT
DAC
8-BIT
DAC
INPUT
REGISTER
VREFC/D
INTER-
FACE
LOGIC
VDD
VREFA/B
GAIN
DB7
DB0
CS
WR
A0
A1
CLR
LDAC
.
.
.
DAC
REGISTER
INPUT
REGISTER
DAC
REGISTER
INPUT
REGISTER
DAC
REGISTER
INPUT
REGISTER
8-BIT
DAC
8-BIT
DAC
8-BIT
DAC
AD5334 PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VREFC/D
Unbuffered Reference Input for DACs C and D.
2VREFA/B
Unbuffered Reference Input for DACs A and B.
3VOUTA
Output of DAC A. Buffered Output with Rail-to-Rail Operation.
4VOUTB
Output of DAC B. Buffered Output with Rail-to-Rail Operation.
5VOUTC
Output of DAC C. Buffered Output with Rail-to-Rail Operation.
6VOUTD
Output of DAC D. Buffered Output with Rail-to-Rail Operation.
7
GND
Ground Reference Point for All Circuitry on the Part.
8
CS
Active Low Chip Select Input. This is used in conjunction with
WR to write data to the parallel interface.
9
WR
Active Low Write Input. This is used in conjunction with
CS to write data to the parallel interface.
10
A0
LSB Address Pin for Selecting which DAC Is to Be Written to.
11
A1
MSB Address Pin for Selecting which DAC Is to Be Written to.
12
LDAC
Active Low Control Input that Updates the DAC Registers with the Contents of the Input Registers.
This allows all DAC outputs to be simultaneously updated.
13
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.
14
VDD
Power Supply Pin. This part can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10
µF capacitor in parallel with a 0.1 µF capacitor to GND.
15–22
DB0–DB7
Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.
23
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0–VREF or 0–2 VREF
24
CLR
Asynchronous Active Low Control Input that Clears All Input Registers and DAC Registers to Zeros.
AD5334 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD5334
LDAC
A1
A0
WR
CS
VREFC/D
VREFA/B
VOUTA
VOUTB
GND
VOUTD
VOUTC
PD
VDD
DB0
DB1
DB2
CLR
GAIN
DB7
DB6
DB3
DB4
DB5
8-BIT


Similar Part No. - AD5317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5317 AD-AD5317 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5317 AD-AD5317 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5317 AD-AD5317 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5317 AD-AD5317 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5317 AD-AD5317 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

Similar Description - AD5317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com