Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6Q-4812SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM6Q-4812SZ
Description  6 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6Q-4812SZ Datasheet(HTML) 2 Page - AIMTEC

  AM6Q-4812SZ Datasheet HTML 1Page - AIMTEC AM6Q-4812SZ Datasheet HTML 2Page - AIMTEC AM6Q-4812SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM6Q-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 3
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3sec
500
VAC
Resistance
50
MOhm
Capacitance
500
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output –
100% load on the other output
±5
%
Over voltage protection
Zener Diode Clamp
5
6.2
V
12
15
15
18
±12
±15
±15
±18
Over Current Protection
FL
185
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
LL-HL
±0.5
% of Vin
Load voltage regulation
Load:0-100% unbalanced
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
75
mV p-p
Minimum Load Current
0
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Derating above 60ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel Coated Copper
Weight
25
g
Dimensions (L x W x H)
1.75 x 1.10 x 0.28 inches
44.50 x 28.00 x 7.00 mm
MTBF
>1.28Mhrs ( MIL-HDBK -217F, Ground Benign, t=+25°C )
Transient recovery deviation
±3
%
Safety Specifications
Parameters
Standards
Designed to meet IEC/EN 60950-1
Pin Out Specifications
Pin
Single
Dual
1
-V Input
-V Input
2
+V Input
+V Input
3
+V Output
+V Output
4
NP
Common
5
-V Output
-V Output
NP: Not Populated


Similar Part No. - AM6Q-4812SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6Q-4812SZ AIMTEC-AM6Q-4812SZ Datasheet
275Kb / 3P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6Q-4812SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com