Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM10EW-4805SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM10EW-4805SZ
Description  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10EW-4805SZ Datasheet(HTML) 1 Page - AIMTEC

  AM10EW-4805SZ Datasheet HTML 1Page - AIMTEC AM10EW-4805SZ Datasheet HTML 2Page - AIMTEC AM10EW-4805SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10EW-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive load
max (μF)
Efficiency
(%)
AM10EW-2403SZ
9-36
3.3
2
3300
79
AM10EW-2405SZ
9-36
5
2
3300
82
AM10EW-2412SZ
9-36
12
0.83
680
85
AM10EW-2415SZ
9-36
15
0.67
470
85
AM10EW-4803SZ
18-72
3.3
2
3300
79
AM10EW-4805SZ
18-72
5
2
3300
82
AM10EW-4812SZ
18-72
12
0.83
680
85
AM10EW-4815SZ
18-72
15
0.67
470
85
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive load
(μF)
Efficiency
(%)
AM10EW-2405DZ
9-36
±5
±1
±2200
82
AM10EW-2412DZ
9-36
±12
±0.416
±470
85
AM10EW-2415DZ
9-36
±15
±0.333
±330
85
AM10EW-4805DZ
18-72
±5
±1
±2200
82
AM10EW-4812DZ
18-72
±12
±0.416
±470
85
AM10EW-4815DZ
18-72
±15
±0.333
±330
85
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-72
Filter
 (Pi) Network
Remote ON/OFF Control
ON
2.5~5.5 or open circuit
VDC
OFF
-0.7~ 0.8 or short circuit b/n pin 2 & 1
Turn on Transient process time
350
ms
Start up time
20
ms
Absolute Maximum Rating
24 Vin
-0.7-40
VDC
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Case/ Input & Output
1000
VDC
Resistance
> 1000
MOhm
Capacitance
1200
pF
 RoHS compliant
 Low ripple and noise
 Efficiency up to 85%
 Remote on/off control
 Wide 4:1 input range
● Input/Output Isolation 1500VDC
 Continuous Short Circuit Protection
● Operating temperature -40
oC to + 85oC


Similar Part No. - AM10EW-4805SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-4805SC AIMTEC-AM10EW-4805SC Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results

Similar Description - AM10EW-4805SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com