Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW16110 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MJW16110
Description  POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJW16110 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MJW16110 Datasheet HTML 2Page - Motorola, Inc MJW16110 Datasheet HTML 3Page - Motorola, Inc MJW16110 Datasheet HTML 4Page - Motorola, Inc MJW16110 Datasheet HTML 5Page - Motorola, Inc MJW16110 Datasheet HTML 6Page - Motorola, Inc MJW16110 Datasheet HTML 7Page - Motorola, Inc MJW16110 Datasheet HTML 8Page - Motorola, Inc MJW16110 Datasheet HTML 9Page - Motorola, Inc MJW16110 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MJ16110 MJW16110
6
Motorola Bipolar Power Transistor Device Data
DYNAMIC SATURATION VOLTAGE
For bipolar power transistors low DC saturation voltages
are achieved by conductivity modulating the collector region.
Since conductivity modulation takes a finite amount of time,
DC saturation voltages are not achieved instantly at turn–on.
In bridge circuits, two transistor forward converters, and two
transistor flyback converters dynamic saturation characteris-
tics are responsible for the bulk of dynamic losses. The
MJ16110 has been designed specifically to minimize these
losses. Performance is roughly four times better than the
original version of MJ16010.
From a measurement point of view, dynamic saturation
voltage is defined as collector–emitter voltage at a specific
point in time after IB1 has been applied, where t = 0 is the
90% point on the IB1 rise time waveform, This definition is il-
lustrated in Figure 11. Performance data was taken in the cir-
cuit that is shown in Figure 13. The 24 volt rail allows a
Tektronix 2445 or equivalent scope to operate at 1 volt per
division without input amplifier saturation.
Dynamic saturation performance is illustrated in Figure 12.
The MJ16110 reaches DC saturation levels in approximately
2
µs, provided that sufficient base drive is provided. The de-
pendence of dynamic saturation voltage upon base drive
suggests a spike of IB1 at turn–on to minimize dynamic satu-
ration losses, and also avoid overdrive at turn–off. However,
in order to simulate worst case conditions the guaranteed dy-
namic saturation limits in this data sheet are specified with a
constant level of IB1.
+ 24
1 k
1 k
10 k
0.1
µF
0.01
µF
100 pF
U1
MC1455
(OSCILLATOR)
1N5314
Q1
1N4111
MJ11012
100
µF
100
1 W
2.4
20 W
0.01
µF
Q4
IRFD9120
Q5
MTM8P08
2.4 mH
1N5831
10
µF
I C
I B
V CE
MUR405
MUR405
47
1 W
500
Q2
Q3
IRFD113
0.01
µF
0.01
µF
IRFD9123
1N914
10 k
1.8 k
Q6
MTP25N06
4
8
7
6
2
1 5
3
4
8
2
3
7
6
1
5
Figure 13. Dynamic Saturation Test Circuit
20
0
200
14
10
16
8
4
2
400
600
12
18
6
50
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.01
20
5
1
10
0.5
0.2
0.1
0.02
100
500
REGION II —
EXPANDED FBSOA USING
MUR870 ULTRA-FAST
RECTIFIER, SEE FIGURE 16
TC = 25°C
10
µs
1 ms
dc
100
ns
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 14. Forward Bias Safe Operating Area
IC/IB1 = 5
TJ ≤ 100°C
MJW16110
Figure 15. Reverse Bias Safe Operating Area
VBE(off) = 1 to 5 V
VBE(off) = 0 V
BONDING WIRE LIMIT
THERMAL LIMIT
SECONDARY BREAKDOWN
LIMIT
2
20
0.3
3
30
200
1000
10
50
300
1
2
3
5
300
500
700
100
0.03
0.05
MJ16110
II
GUARANTEED SAFE OPERATING AREA INFORMATION
Figure 16. Switching Safe Operating Area
+15
150
100
µF
MTP8P10
MPF930
MPF930
MUR105
MJE210
150
500
µF
VOff
50
+10
MTP12N10
RB1
RB2
1
µF
1
µF
100
MTP8P10
MUR105
MUR1100
T.U.T.
MUR870
VCE (650 V MAX)
10
µF
10 mH
Note: Test Circuit for Ultra–fast FBSOA
Note: RB2 = 0 and VOff = – 5 Volts


Similar Part No. - MJW16110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW16110 ONSEMI-MJW16110 Datasheet
414Kb / 10P
   NPN Silicon Power Transistors
REV 1
logo
New Jersey Semi-Conduct...
MJW16110 NJSEMI-MJW16110 Datasheet
95Kb / 2P
   NPN Silicon Power Transistors
MJW16110 NJSEMI-MJW16110 Datasheet
95Kb / 2P
   NPN Silicon Power Transistors
More results

Similar Description - MJW16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
   POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com