Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW16110 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJW16110
Description  POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJW16110 Datasheet(HTML) 3 Page - Motorola, Inc

  MJW16110 Datasheet HTML 1Page - Motorola, Inc MJW16110 Datasheet HTML 2Page - Motorola, Inc MJW16110 Datasheet HTML 3Page - Motorola, Inc MJW16110 Datasheet HTML 4Page - Motorola, Inc MJW16110 Datasheet HTML 5Page - Motorola, Inc MJW16110 Datasheet HTML 6Page - Motorola, Inc MJW16110 Datasheet HTML 7Page - Motorola, Inc MJW16110 Datasheet HTML 8Page - Motorola, Inc MJW16110 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJ16110 MJW16110
3
Motorola Bipolar Power Transistor Device Data
0.15
IC, COLLECTOR CURRENT (AMPS)
0.2
1
3
1.5
10
IB, BASE CURRENT (AMPS)
5
2
1
0.7
0.2
0.1
0.3
TJ = 100°C
TJ = 25°C
0.2
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2
0.2
0.3
0.5
1
2
5
10
20
30
10
3
Figure 2. Collector–Emitter Saturation Voltage
0.15
IC, COLLECTOR CURRENT (AMPS)
0.03
0.3
1
2
0.7
0.3
5
VCE = 5 V
3
5
10
15
Figure 3. Collector–Emitter Saturation Region
7
0.7
0.1
0.2
0.5
10
2
5
0.7
Figure 4. Base–Emitter Saturation Region
Figure 5. Capacitance
3
1
10K
1
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
5
2K
100
1K
30
10 A
IC = 3 A
TJ = 25°C
Cib
5 A
TJ = 100°C
20
2
3
2
3
15
0.1
0.2
0.1
IC/IB = 10
0.5
1
1
0.5
5K
1K
3K
50
100
200
300
500
0.3 0.5
3
10
30 50
600
300
IC/IB = 5
0.7
7
0.5
0.05
0.07
TJ = 25°C
7
0.5
7
0.3
0.5
2
5
10
ftest = 1 kHz
20
TJ = 25°C
TJ = – 55°C
TJ = 100°C
TJ = 25°C
TJ = 100°C
TJ = 25°C
IC/IB = 5 & 10
0.7
7 A
15 A
Cob
TYPICAL STATIC CHARACTERISTICS


Similar Part No. - MJW16110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW16110 ONSEMI-MJW16110 Datasheet
414Kb / 10P
   NPN Silicon Power Transistors
REV 1
logo
New Jersey Semi-Conduct...
MJW16110 NJSEMI-MJW16110 Datasheet
95Kb / 2P
   NPN Silicon Power Transistors
MJW16110 NJSEMI-MJW16110 Datasheet
95Kb / 2P
   NPN Silicon Power Transistors
More results

Similar Description - MJW16110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW16010A MOTOROLA-MJW16010A Datasheet
362Kb / 10P
   POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com