Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6TW-2409DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM6TW-2409DZ
Description  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-2409DZ Datasheet(HTML) 2 Page - AIMTEC

  AM6TW-2409DZ Datasheet HTML 1Page - AIMTEC AM6TW-2409DZ Datasheet HTML 2Page - AIMTEC AM6TW-2409DZ Datasheet HTML 3Page - AIMTEC AM6TW-2409DZ Datasheet HTML 4Page - AIMTEC AM6TW-2409DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM6TW-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.H
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6TW-2424DZ
9-36
±24
±125
1500
±22
81
AM6TW-4803DZ
18-72
±3.3
±700
1500
±470
79
AM6TW-4805DZ
18-72
±5
±600
1500
±330
82
AM6TW-4807DZ
18-72
±7.2
±410
1500
±330
81
AM6TW-4809DZ
18-72
±9
±330
1500
±100
81
AM6TW-4812DZ
18-72
±12
±250
1500
±68
83
AM6TW-4815DZ
18-72
±15
±200
1500
±68
81
AM6TW-4818DZ
18-72
±18
±160
1500
±68
81
AM6TW-4824DZ
18-72
±24
±125
1500
±22
81
AM6TW-2403DH35Z
9-36
±3.3
±700
3500
±470
80
AM6TW-2405DH35Z
9-36
±5
±600
3500
±330
82
AM6TW-2407DH35Z
9-36
±7.2
±410
3500
±330
80
AM6TW-2409DH35Z
9-36
±9
±330
3500
±100
82
AM6TW-2412DH35Z
9-36
±12
±250
3500
±68
84
AM6TW-2415DH35Z
9-36
±15
±200
3500
±68
80
AM6TW-2418DH35Z
9-36
±18
±160
3500
±68
80
AM6TW-2424DH35Z
9-36
±24
±125
3500
±22
81
AM6TW-4803DH35Z
18-72
±3.3
±700
3500
±470
79
AM6TW-4805DH35Z
18-72
±5
±600
3500
±330
82
AM6TW-4807DH35Z
18-72
±7.2
±410
3500
±330
81
AM6TW-4809DH35Z
18-72
±9
±330
3500
±100
81
AM6TW-4812DH35Z
18-72
±12
±250
3500
±68
83
AM6TW-4815DH35Z
18-72
±15
±200
3500
±68
81
AM6TW-4818DH35Z
18-72
±18
±160
3500
±68
81
AM6TW-4824DH35Z
18-72
±24
±125
3500
±22
81
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
π
(Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
24 Vin
48 Vin
-0.7-40
-0.7-80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Dual Output
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto-recovery
Over current protection
120% Iout
Line voltage regulation (Single)
±0.5
%
Line voltage regulation (Dual)
±0.5
%


Similar Part No. - AM6TW-2409DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-2409DZ AIMTEC-AM6TW-2409DZ Datasheet
293Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6TW-2409DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com