Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6T-1209SH35Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM6T-1209SH35Z
Description  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-1209SH35Z Datasheet(HTML) 1 Page - AIMTEC

  AM6T-1209SH35Z Datasheet HTML 1Page - AIMTEC AM6T-1209SH35Z Datasheet HTML 2Page - AIMTEC AM6T-1209SH35Z Datasheet HTML 3Page - AIMTEC AM6T-1209SH35Z Datasheet HTML 4Page - AIMTEC AM6T-1209SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM6T-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.J
1 of 5
North America only
FEATURES:
RoHS compliant
Operating temperature -40oC to + 85oC
24 Pin DIP Package
Input / Output Isolation 1500 and 3500VDC
Wide 2:1 input range
Pin compatible with multiple manufacturers
High efficiency up to 85%
Continuous short circuit protection
Models
Single output
Model
Input
Voltage (V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6T-0503SZ
4.5-9
3.3
1400
73
1000
1500
AM6T-0505SZ
4.5-9
5
1200
76
1000
1500
AM6T-0512SZ
4.5-9
12
500
82
330
1500
AM6T-0515SZ
4.5-9
15
400
82
220
1500
AM6T-1203SZ
9-18
3.3
1400
72
1000
1500
AM6T-1205SZ
9-18
5
1200
77
1000
1500
AM6T-1207SZ
9-18
7.2
830
80
680
1500
AM6T-1209SZ
9-18
9
660
78
680
1500
AM6T-1212SZ
9-18
12
500
81
330
1500
AM6T-1215SZ
9-18
15
400
80
220
1500
AM6T-1218SZ
9-18
18
330
79
68
1500
AM6T-1224SZ
9-18
24
250
80
68
1500
AM6T-2403SZ
18-36
3.3
1400
75
3300
1500
AM6T-2405SZ
18-36
5
1200
80
1000
1500
AM6T-2407SZ
18-36
7.2
830
82
680
1500
AM6T-2409SZ
18-36
9
660
80
680
1500
AM6T-2412SZ
18-36
12
500
80
330
1500
AM6T-2415SZ
18-36
15
400
80
220
1500
AM6T-2418SZ
18-36
18
330
80
220
1500
AM6T-2424SZ
18-36
24
250
85
220
1500
AM6T-4803SZ
36-72
3.3
1400
74
3300
1500
AM6T-4805SZ
36-72
5
1200
80
2200
1500
AM6T-4807SZ
36-72
7.2
830
80
470
1500
AM6T-4809SZ
36-72
9
660
82
470
1500
AM6T-4812SZ
36-72
12
500
80
330
1500
AM6T-4815SZ
36-72
15
400
80
220
1500
AM6T-4818SZ
36-72
18
330
80
100
1500
AM6T-4824SZ
36-72
24
250
82
100
1500
AM6T-0503SH35Z
4.5-9
3.3
1400
73
1000
3500
AM6T-0505SH35Z
4.5-9
5
1200
76
1000
3500
AM6T-0512SH35Z
4.5-9
12
500
82
330
3500
AM6T-0515SH35Z
4.5-9
15
400
82
220
3500
AM6T-1203SH35Z
9-18
3.3
1400
72
1000
3500
AM6T-1205SH35Z
9-18
5
1200
77
1000
3500
AM6T-1207SH35Z
9-18
7.2
830
80
680
3500
AM6T-1209SH35Z
9-18
9
660
78
680
3500
AM6T-1212SH35Z
9-18
12
500
81
330
3500
AM6T-1215SH35Z
9-18
15
400
80
220
3500
AM6T-1218SH35Z
9-18
18
330
79
68
3500
AM6T-1224SH35Z
9-18
24
250
80
68
3500
AM6T-2403SH35Z
18-36
3.3
1400
75
3300
3500
AM6T-2405SH35Z
18-36
5
1200
80
1000
3500
AM6T-2407SH35Z
18-36
7.2
830
82
680
3500
AM6T-2409SH35Z
18-36
9
660
80
680
3500
AM6T-2412SH35Z
18-36
12
500
80
330
3500
AM6T-2415SH35Z
18-36
15
400
80
220
3500


Similar Part No. - AM6T-1209SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T-1209SH35Z AIMTEC-AM6T-1209SH35Z Datasheet
313Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6T-1209SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com