Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4T-4815SH35Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM4T-4815SH35Z
Description  4 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T-4815SH35Z Datasheet(HTML) 1 Page - AIMTEC

  AM4T-4815SH35Z Datasheet HTML 1Page - AIMTEC AM4T-4815SH35Z Datasheet HTML 2Page - AIMTEC AM4T-4815SH35Z Datasheet HTML 3Page - AIMTEC AM4T-4815SH35Z Datasheet HTML 4Page - AIMTEC AM4T-4815SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM4T-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 5
North America only
FEATURES:
Models
Single output
RoHS compliant
Operating temperature -40oC to + 85oC
24 Pin DIP Package
Input / Output isolation 1500 or 3500VDC
Low profile metal package
Pin compatible with multiple manufacturers
High efficiency up to 85%
Continuous short circuit protection
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM4T-0503SZ
4.5-9
3.3
1200
3300
73
AM4T-0505SZ
4.5-9
5
800
1000
77
AM4T-0512SZ
4.5-9
12
330
220
81
AM4T-0515SZ
4.5-9
15
260
100
82
AM4T-1203SZ
9-18
3.3
1200
3300
72
AM4T-1205SZ
9-18
5
800
1000
78
AM4T-1207SZ
9-18
7.2
550
470
78
AM4T-1209SZ
9-18
9
440
4700
78
AM4T-1212SZ
9-18
12
330
220
80
AM4T-1215SZ
9-18
15
260
100
80
AM4T-1218SZ
9-18
18
220
47
80
AM4T-1224SZ
9-18
24
160
47
80
AM4T-2403SZ
18-36
3.3
1200
2200
75
AM4T-2405SZ
18-36
5
800
1000
80
AM4T-2407SZ
18-36
7.2
550
470
80
AM4T-2409SZ
18-36
9
440
470
80
AM4T-2412SZ
18-36
12
330
220
83
AM4T-2415SZ
18-36
15
260
220
80
AM4T-2418SZ
18-36
18
220
100
80
AM4T-2424SZ
18-36
24
160
100
85
AM4T-4803SZ
36-72
3.3
1200
2200
75
AM4T-4805SZ
36-72
5
800
680
80
AM4T-4807SZ
36-72
7.2
550
470
80
AM4T-4809SZ
36-72
9
440
470
82
AM4T-4812SZ
36-72
12
330
330
80
AM4T-4815SZ
36-72
15
260
100
81
AM4T-4818SZ
36-72
18
220
47
81
AM4T-4824SZ
36-72
24
160
47
82
AM4T-0503SH35Z
4.5-9
3.3
1200
3300
73
AM4T-0505SH35Z
4.5-9
5
800
1000
77
AM4T-0512SH35Z
4.5-9
12
330
220
81
AM4T-0515SH35Z
4.5-9
15
260
100
82
AM4T-1203SH35Z
9-18
3.3
1200
3300
72
AM4T-1205SH35Z
9-18
5
800
1000
78
AM4T-1207SH35Z
9-18
7.2
550
470
78
AM4T-1209SH35Z
9-18
9
440
4700
78
AM4T-1212SH35Z
9-18
12
330
220
80
AM4T-1215SH35Z
9-18
15
260
100
80
AM4T-1218SH35Z
9-18
18
220
47
80
AM4T-1224SH35Z
9-18
24
160
47
80
AM4T-2403SH35Z
18-36
3.3
1200
2200
75
AM4T-2405SH35Z
18-36
5
800
1000
80
AM4T-2407SH35Z
18-36
7.2
550
470
80
AM4T-2409SH35Z
18-36
9
440
470
80
AM4T-2412SH35Z
18-36
12
330
220
83
AM4T-2415SH35Z
18-36
15
260
220
80
AM4T-2418SH35Z
18-36
18
220
100
80


Similar Part No. - AM4T-4815SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4T-4815SH35Z AIMTEC-AM4T-4815SH35Z Datasheet
316Kb / 5P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4T-4815SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com