Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL-EPIC-17ED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VL-EPIC-17ED
Description  EPIC Single Board Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VL-EPIC-17ED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VL-EPIC-17ED Datasheet HTML 1Page - List of Unclassifed Manufacturers VL-EPIC-17ED Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
General
Board Size
EPIC standard: 115 mm x 165 mm (4.5” x 6.5”)
Processor
DMP Vortex86DX SoC. 800 MHz. 256K L2 cache.
Power Requirements
(+5V)*
Model
Idle
Typical
Max
VL-EPIC-17EA 2.6W
3.3W
4.0W
VL-EPIC-17EB 3.1W
3.8W
4.5W
System Reset &
Hardware Monitors
Major voltage rails monitored. Watchdog timer
with programmable timeout.
Stackable Bus
PC/104-Plus: PCI, ISA
Other I/O Expansion
VersaLogic SPX interface
RoHS
RoHS (2002/95/CE) compliant
Environmental Operating Temperature -40° to +85°C
Storage Temperature
-40° to +85°C
Cooling
Standard
Heatsink (fanless)
Optional
Bolt-on heat plate
Airflow Requirements
Free air from -40° to +85°C
Thermal Shock
5°C/min. over operating temperature
Humidity
Less than 95%, noncondensing
Vibration, Sinusoidal
Sweep
MIL-STD-202G, Method 204, Modified Condition A:
2g constant acceleration from 5 to 500 Hz,
20 minutes per axis
Vibration, Random
MIL-STD-202G, Method 214A, Condition A:
5.35g rms, 5 minutes per axis
Mechanical Shock
MIL-STD-202G, Method 213B, Condition G:
20g half-sine, 11 ms duration per axis
Memory
System RAM
Standard
256 MB or 512 MB
Optional
128 MB or 1 GB
Soldered-on DDR2 SDRAM
Video
General
None. Use EPM-VID-3 or similar video module for
development.
Mass Storage Hard Drive
ATA/66 IDE interface supports two devices
Flash
Standard
CompactFlash Type II with DMA (IDE
signaling)
Optional
eUSB (USB signaling)
Network
Interface
Ethernet†
Standard
RJ45 connectors
Optional
Latching headers
Up to two autodetect 10BaseT/100BaseTX ports.
On-board status LEDs and external LED header.
Network Boot Option
Argon Managed Boot Agent (optional with royalty
fee) supports PXE, RPL, NetWare, TCP/IP
(DHCP, BOOTP) remote boot protocols.
Device I/O
USB†‡
Up to four host (depending on model) USB
1.1 / 2.0 ports
COM 1 / 2 Interface†
RS-232. 16C550 compatible. 115 Kbps.
COM 3 / 4 Interface†
RS-232/422/485 selectable. 16C550 compatible.
115 Kbps.
Analog Input
Up to sixteen channels. 12-bit. Single-ended.
100 Ksps. 0 to +4.096V.
Analog Output
Up to eight channels. 12-bit. Single-ended.
100 Ksps. 0 to +4.096V.
Digital I/O
Up to thirty-two TTL I/O lines (3.3V).
Independently configurable.
Counter / Timers
Three general-purpose 8254 timers
Other
PS/2 keyboard and mouse ports
Software
BIOS
American Megatrends (AMI) BIOS with OEM
enhancements
Operating Systems
Compatible with most x86 operating systems
including Windows, Windows Embedded, Linux,
VxWorks, and QNX
*  Power specifications represent operation at +25°C with +5V supply running Windows XP with Ethernet, keyboard, 
and mouse. Typical power computed as the mean value of Idle and Maximum power specifications. Maximum power is 
measured with 95% CPU utilization.
†  TVS protected port (enhanced ESD protection)
‡  Power pins on this port are overload protected
Specifications are subject to change without notification. DMP and Vortex are trademarks of DMP. CompactFlash is
a trademark of SanDisk Corp. SPX is a trademark of VersaLogic Corp. All other trademarks are the property of their
respective owners.
VersaLogic Corporation
•  4211 West 11th Ave., Eugene, OR 97402 •  (541) 485-8575 •  Fax (541) 485-5712 •  info@VersaLogic.com •  www.VersaLogic.com
Ordering Information
Model
RAM
Data Acquisition
USB
Ethernet
A/D
D/A
DIO
Host
eUSB Ports Connector
VL-EPIC-17EA 256 MB
8
4
32
3
Y
1
RJ45
VL-EPIC-17EB 512 MB
16
8
32
4
N
2
RJ45
VL-EPIC-17EC 256 MB
8
4
32
3
Y
1
Ruggedized
VL-EPIC-17ED 512 MB
16
8
32
4
N
2
Ruggedized
Custom Versions Up to 1 GB 0/8/16 0/4/8 0/16/32 0–4
Y / N
0–2 RJ45 /
Ruggedized
Accessories
Part Number
Description
Cable Kit
VL-CKR-NEWT
Development cable kit
VL-CBR-2022
ATX power adapter cable
VL-CBR-4004
Paddleboards for analog and digital I/O
VL-CBR-4405
IDE adapter board
VL-CBR-4406
IDE cable
VL-CBR-5009
Primary breakout cable
VL-HDW-105
0.6" standoff package (metric thread)
Cables
VL-CBL-1010
S-Video and TV Out cable
VL-CBR-0804
12" Latching Ethernet Adapter Cable
VL-CBR-1201
12-pin 2 mm latching / 15-pin VGA adapter
VL-CBR-1401
Cable assembly for (2) SPX modules
VL-CBR-1402
Cable assembly for (4) SPX modules
VL-CBR-2010
20" 18-bit LVDS flat panel (Hirose)
VL-CBR-2011
20" 18-bit LVDS flat panel (JAE)
SSD
VL-CFM-xxx
CompactFlash module (IDE)
VL-F15-xxx
eUSB module (USB)
Drives
VL-CDD-xxxx
CD-RW/DVD-ROM drive (IDE)
VL-HDD35-xxx
3.5" hard drive (IDE)
Expansion Modules
EPM-VID-3
Video expansion module
VL-SPX-x
SPX expansion module
Development
VL-ENCL-5C
Development enclosure
VL-PS200-ATX
200W ATX-style development power supply
Hardware
VL-CF-CLIP1
CompactFlash retention clip
VL-HDW-106
0.6" standoff package (English thread)
VL-HDW-109
eUSB hardware kit
Miscellaneous
VL-HDW-201
PC/104 board extraction tool
NEWT
EPIC Single Board Computer
08/23/12
The Newt features an American Megatrends (AMI) BIOS with OEM enhancements.
The field-reprogrammable BIOS supports custom defaults, remote/network booting,
and other application functions. Newt is compatible with a variety of popular x86
operatingsystemsincludingWindows,WindowsEmbedded,Linux,VxWorks,andQNX.
Product customization is available, even in low OEM quantities.Customization options
include soldered-on RAM capacity (128 MB to 1 GB), CompactFlash and/or eUSB
flash memory interface, standard RJ45 or latching Ethernet connectors, variable I/O
capabilities (USB, A/D, D/A, DIO, Ethernet, etc.), bolt-on heat plate, conformal coating,
revision locks, custom labeling, customized testing and screening, etc.


Similar Part No. - VL-EPIC-17ED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-EPIC-25EA ETC2-VL-EPIC-25EA Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EPIC-25RA ETC2-VL-EPIC-25RA Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EPIC-25RB ETC2-VL-EPIC-25RB Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EPIC-25SA ETC2-VL-EPIC-25SA Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EPIC-25SB ETC2-VL-EPIC-25SB Datasheet
643Kb / 2P
   EPIC Single Board Computer
More results

Similar Description - VL-EPIC-17ED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-EPIC-25SA ETC2-VL-EPIC-25SA Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EPICS-36S ETC2-VL-EPICS-36S Datasheet
1Mb / 2P
   SUMIT on EPIC Single Board Computer
logo
Motorola, Inc
MVME147 MOTOROLA-MVME147 Datasheet
178Kb / 4P
   Single-board computer
logo
List of Unclassifed Man...
VL-EBX-11G ETC2-VL-EBX-11G Datasheet
426Kb / 2P
   EBX Single Board Computer
VL-EPMP-34S ETC2-VL-EPMP-34S Datasheet
620Kb / 2P
   PCI -104 Single Board Computer
HS-7002 ETC-HS-7002 Datasheet
182Kb / 1P
   PICMG BUS SINGLE BOARD COMPUTER
HS-6038 ETC-HS-6038 Datasheet
131Kb / 1P
   PICMG BUS SINGLE BOARD COMPUTER
LBC9017 ETC-LBC9017 Datasheet
198Kb / 2P
   PCI/ISA Single Board Computer
EPC-2325 ETC2-EPC-2325 Datasheet
147Kb / 4P
   PCI/ISA Single Board Computer
VL-EPMS-21A ETC2-VL-EPMS-21A Datasheet
762Kb / 2P
   SUMIT-104 Single Board Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com