Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30EW-4805SZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM30EW-4805SZ
Description  30 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-4805SZ Datasheet(HTML) 5 Page - AIMTEC

  AM30EW-4805SZ Datasheet HTML 1Page - AIMTEC AM30EW-4805SZ Datasheet HTML 2Page - AIMTEC AM30EW-4805SZ Datasheet HTML 3Page - AIMTEC AM30EW-4805SZ Datasheet HTML 4Page - AIMTEC AM30EW-4805SZ Datasheet HTML 5Page - AIMTEC AM30EW-4805SZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series AM30EW-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
5 of 6
North America only
Recommended Circuits
C1
L
C2
100uF, 100V
12uH 1206, 470pF, 2KV
Conducted/Radiated Emissions
Dual Output
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Common
Load
Load
-V output
Conducted/Radiated Emissions
Single Output
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
Conducted/Radiated Emissions
Triple Output
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Common
+Vaux
Output
-Vaux
Output
Load
Load
Load


Similar Part No. - AM30EW-4805SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30EW-4805SZ AIMTEC-AM30EW-4805SZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30EW-4805SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com