Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20C-4815SZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM20C-4815SZ
Description  20 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20C-4815SZ Datasheet(HTML) 3 Page - AIMTEC

  AM20C-4815SZ Datasheet HTML 1Page - AIMTEC AM20C-4815SZ Datasheet HTML 2Page - AIMTEC AM20C-4815SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM20C-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
3 of 3
North America only
Pin Out Specifications
Pin
Single
Dual
1
+ V input
+ V input
2
- V input
- V input
3
On/Off Control
On/Off Control
4
+ V output
+ V output
5
Trim
Common
6
- V output
- V output
Dimensions
Trimming
Derating
NOTE: 1. Datasheets are updated as needed and as such, specifications are
subject to change without notice. Once printed or downloaded, datasheets are
no longer controlled by Aimtec; refer to www.aimtec.com for the most current
product specifications.
2. Product labels shown, including safety agency
certifications on labels, may vary based on the date manufactured.
3.
Mechanical drawings and specifications are for reference only.
4. All
specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise
specified.
5. Aimtec may not have conducted destructive testing or chemical
analysis on all internal components and chemicals at the time of publishing this
document. CAS numbers and other limited information are considered
proprietary and may not be available for release.
6. This product is not
designed for use in critical life support systems, equipment used in hazardous
environments, nuclear control systems or other such applications which
necessitate specific safety and regulatory standards other the ones listed in
this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of
Sale available at www.aimtec.com.


Similar Part No. - AM20C-4815SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-4815SZ AIMTEC-AM20C-4815SZ Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20C-4815SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com