Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM15E-4815SH30IZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM15E-4815SH30IZ
Description  15 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-4815SH30IZ Datasheet(HTML) 5 Page - AIMTEC

  AM15E-4815SH30IZ Datasheet HTML 1Page - AIMTEC AM15E-4815SH30IZ Datasheet HTML 2Page - AIMTEC AM15E-4815SH30IZ Datasheet HTML 3Page - AIMTEC AM15E-4815SH30IZ Datasheet HTML 4Page - AIMTEC AM15E-4815SH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM15E-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
5 of 5
North America only
Control ON/OFF pin connection example:
Single Output
Dual Output
The converter output can be disabled by moving SW to position “a”. When SW is in position “b”, the converter operates normally.
The SW can be replaced by a NPN transistor with connection as follows:
Note: The control voltage is referenced to negative input (-Vi )
Digital Control Circuit:
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM15E-4815SH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-4815SH30IZ AIMTEC-AM15E-4815SH30IZ Datasheet
193Kb / 5P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15E-4815SH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com