Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20E-2412DZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM20E-2412DZ
Description  20 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20E-2412DZ Datasheet(HTML) 3 Page - AIMTEC

  AM20E-2412DZ Datasheet HTML 1Page - AIMTEC AM20E-2412DZ Datasheet HTML 2Page - AIMTEC AM20E-2412DZ Datasheet HTML 3Page - AIMTEC AM20E-2412DZ Datasheet HTML 4Page - AIMTEC AM20E-2412DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM20E-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.D
3 of 5
North America only
Note A: Input filter components (C1, L , see circuit below) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise
.
Note B: An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5.
The filter capacitor suggested value of 220uF/100V.
Test Circuits
Conducted Emissions
External parts table
Pin Out Specifications
Pin
Single
Dual
1
On/Off Control
On/Off Control
2
- V Input
- V Input
3
+ V Input
+ V Input
4
- V Output
- V Output
5
Trim
Common
6
+ V Output
+ V Output
Dimensions
Model
C1
L
AM20E-12XXXZ
330uF
12uH
AM20E-24XXXZ
220uF
12uH
AM20E-48XXXZ
220uF
12uH
DC/DC
Converter
+Vout
-Vout
Load
+Vin
-Vin
C1
L
Pin diameter: 1.0 ±0.05 ( 0.04 ±0.002 )
Pin pitch tolerance: ±0.35 ( ±0.014 )
Case Tolerance: ±0.5 ( ±0.02 )
Notes:
All dimensions are typical
in millimeters (inches).
Tolerance ±0.25 (±0.01)
DIA
1.00
(0.04)
50.80
(2.00)
1
2
3
4
5
Bottom View
20.32
(0.80)
15.24
(0.60)
15.24
(0.60)
6


Similar Part No. - AM20E-2412DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-2412DZ AIMTEC-AM20E-2412DZ Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20E-2412DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com