Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD584JN Datasheet(PDF) 3 Page - Analog Devices

Part # AD584JN
Description  Pin Programmable Precision Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584JN Datasheet(HTML) 3 Page - Analog Devices

  AD584JN Datasheet HTML 1Page - Analog Devices AD584JN Datasheet HTML 2Page - Analog Devices AD584JN Datasheet HTML 3Page - Analog Devices AD584JN Datasheet HTML 4Page - Analog Devices AD584JN Datasheet HTML 5Page - Analog Devices AD584JN Datasheet HTML 6Page - Analog Devices AD584JN Datasheet HTML 7Page - Analog Devices AD584JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD584
Model
AD584S
AD584T
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT VOLTAGE TOLERANCE
Maximum Error
1 for Nominal
Outputs of:
10.000 V
30
10
mV
7.500 V
20
8
mV
5.000 V
15
±6
mV
2.500 V
7.5
3.5
mV
OUTPUT VOLTAGE CHANGE
Maximum Deviation from +25
°C
Value, TMIN to TMAX
2
10.000 V, 7.500 V, 5.000 V Outputs
30
15
ppm/
°C
2.500 V Output
30
20
ppm/
°C
Differential Temperature
Coefficients Between Outputs
5
3
ppm/
°C
QUIESCENT CURRENT
0.75
1.0
0.75
1.0
mA
Temperature Variation
1.5
1.5
µA/°C
TURN-ON SETTLING TIME TO 0.1%
200
200
µs
NOISE
(0.1 Hz to 10 Hz)
50
50
µV p-p
LONG-TERM STABILITY
25
25
ppm/1000 Hrs
SHORT-CIRCUIT CURRENT
30
30
mA
LINE REGULATION (No Load)
15 V
≤ V
IN
≤ 30 V
0.002
0.002
%/V
(VOUT +2.5 V)
≤ V
IN
≤ 15 V
0.005
0.005
%/V
LOAD REGULATION
0
≤ I
OUT
≤ 5 mA, All Outputs
20
50
20
50
ppm/mA
OUTPUT CURRENT
VIN ≥ VOUT +2.5 V
Source @ +25
°C10
10
mA
Source TMIN to TMAX
55
mA
Sink TMIN to TMAX
55
mA
TEMPERATURE RANGE
Operating
–55
+125
–55
+125
°C
Storage
–65
+175
–65
+175
°C
PACKAGE OPTION
TO-99 (H-08A)
AD584SH
AD584TH
NOTES
1At Pin 1.
2Calculated as average over the operating temperature range.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
REV. A
–3–


Similar Part No. - AD584JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584JN AD-AD584JN Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584JNZ AD-AD584JNZ Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584JNZ AD-AD584JNZ Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584JNZ AD-AD584JNZ Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
More results

Similar Description - AD584JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
JM3851012801BGA AD-JM3851012801BGA Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com