Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30K-4803S-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM30K-4803S-NZ
Description  30 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-4803S-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM30K-4803S-NZ Datasheet HTML 1Page - AIMTEC AM30K-4803S-NZ Datasheet HTML 2Page - AIMTEC AM30K-4803S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM30K-NZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
1 of 3
North America only
FEATURES:
RoHS compliant
Trim adjustment
Remote On/Off control
Power modules for PCB mounting
High Efficiency up to 90%
Operating temperature range: -40 to +85ºC
Input Under voltage protection
Standard package
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM30K-1203S-NZ
9 – 18
3.3
6
19500
85
AM30K-1205S-NZ
9 – 18
5
6
10200
87
AM30K-1212S-NZ
9 – 18
12
2.5
3240
88
AM30K-1215S-NZ
9 – 18
15
2
1100
88
AM30K-1224S-NZ
9 – 18
24
1.25
900
88
AM30K-2403S-NZ
18 – 36
3.3
6
19500
86
AM30K-2405S-NZ
18 – 36
5
6
10200
88
AM30K-2412S-NZ
18 – 36
12
2.5
3240
89
AM30K-2415S-NZ
18 – 36
15
2
1100
89
AM30K-2424S-NZ
18 – 36
24
1.25
900
88
AM30K-4803S-NZ
36 – 75
3.3
6
19500
87
AM30K-4805S-NZ
36 – 75
5
6
10200
89
AM30K-4812S-NZ
36 – 75
12
2.5
3240
90
AM30K-4815S-NZ
36 – 75
15
2
1100
90
AM30K-4824S-NZ
36 – 75
24
1.25
900
90
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π
(Pi) Network
Start up time
25
ms
Absolute Maximum Rating
12 Vin
20
VDC
24 Vin
40
48 Vin
80
Peak Input Voltage time
100
ms
Remote On/Off Control
On
3.5 to 12VDC or open circuit
Off
0 to 1.2VDC or short circuit between pin 2 and 3
Under Voltage protection
9-18 Vin OFF
8
VDC
18-36 Vin OFF
16
36-75 Vin OFF
33
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
At 500Vdc
>1000
MOhm
Capacitance
100KHz / 1V
1000
pF


Similar Part No. - AM30K-4803S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-4803SC AIMTEC-AM30K-4803SC Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-4803SH30IZ AIMTEC-AM30K-4803SH30IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30K-4803SH30IZ AIMTEC-AM30K-4803SH30IZ Datasheet
328Kb / 5P
   30 Watt | DC-DC Converter
AM30K-4803SI AIMTEC-AM30K-4803SI Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM30K-4803SIZ AIMTEC-AM30K-4803SIZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-4803S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com