Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20E-4815DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM20E-4815DZ
Description  20 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20E-4815DZ Datasheet(HTML) 2 Page - AIMTEC

  AM20E-4815DZ Datasheet HTML 1Page - AIMTEC AM20E-4815DZ Datasheet HTML 2Page - AIMTEC AM20E-4815DZ Datasheet HTML 3Page - AIMTEC AM20E-4815DZ Datasheet HTML 4Page - AIMTEC AM20E-4815DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM20E-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.D
2 of 5
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested voltage Input/Output
3 sec
1600
VDC
Case / Input & Output
1600
VDC
Resistance
>1000
MOhm
Capacitance
1200
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual Output Models)
Balanced Load
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load on
second load
±5
%
Over voltage protection
Zener diode clamp
Over current protection
140% of Full Load
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
HL-LL
±0.2
%
Load voltage regulation (Single)
From 0% load to 100% load
±0.5
%
Load voltage regulation (Dual)
Balanced Load
±1
%
Ripple & Noise
20MHz Bandwidth
With 1uF ceramic capacitor
75
mV p-p
Voltage adjustment range (single)
±10
%
Transient Recovery Time
25% load step change ( 75%-50%-25% of Io
250
uS
Transient Recovery Deviation
25% load step change ( 75%-50%-25% of Io
±3
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Temperature coefficient
±0.02
%/oC
Derating
Above +70ºC
3.3
%/ºC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel-coated Copper
Base material
Non-conductive Black Plastic(UL94V-0 rated)
Potting material
Epoxy (UL94V-0 rated)
Weight
30
g
Dimensions (L x W x H)
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.16mm
MTBF
>684,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)
Max Soldering temperature
1.5mm from case, 10 sec. max.
260
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN55022 Class A (see note A)
EN61000-4-2 Perf. Criteria B
EN61000-4-3 Perf. Criteria A
EN61000-4-4 Perf. Criteria B (see note B)
EN61000-4-5 Perf. Criteria B (see note B)
EN61000-4-6 Perf. Criteria A
EN61000-4-8 Perf. Criteria A
NOTE: also designed to meets IEC/EN 60950-1


Similar Part No. - AM20E-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-4815DZ AIMTEC-AM20E-4815DZ Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20E-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com