Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30K-1215DH30IZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM30K-1215DH30IZ
Description  30 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-1215DH30IZ Datasheet(HTML) 1 Page - AIMTEC

  AM30K-1215DH30IZ Datasheet HTML 1Page - AIMTEC AM30K-1215DH30IZ Datasheet HTML 2Page - AIMTEC AM30K-1215DH30IZ Datasheet HTML 3Page - AIMTEC AM30K-1215DH30IZ Datasheet HTML 4Page - AIMTEC AM30K-1215DH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM30K-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.D
1 of 5
North America only
FEATURES:
RoHS compliant
Soft start
Power modules for PCB mounting
High efficiency
Capacitive loading up to 5500 µF (36-75V Input)
Standard package
Remote On/Off control
UVLO / OVLO Shutdown
Operating temperature range: -40 to +85ºC
Thermal shutdown
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple & Noise
Typ.
Isolation
(VDC)
Efficiency
(%)
AM30K-1203SIZ
9-18
3.3
5.5
80 mV p-p
1500
81
AM30K-1205SIZ
9-18
5
5
80 mV p-p
1500
83
AM30K-1212SIZ
9-18
12
2.5
120 mV p-p
1500
86
AM30K-1215SIZ
9-18
15
2
150 mV p-p
1500
87
AM30K-2403SIZ
18-36
3.3
5.5
80 mV p-p
1500
82
AM30K-2405SIZ
18-36
5
5
80 mV p-p
1500
86
AM30K-2412SIZ
18-36
12
2.5
120 mV p-p
1500
88
AM30K-2415SIZ
18-36
15
2
150 mV p-p
1500
88
AM30K-4803SIZ
36-75
3.3
5.5
80 mV p-p
1500
82
AM30K-4805SIZ
36-75
5
5
80 mV p-p
1500
86
AM30K-4812SIZ
36-75
12
2.5
120 mV p-p
1500
88
AM30K-4815SIZ
36-75
15
2
150 mV p-p
1500
88
AM30K-1203SH30IZ
9-18
3.3
6
80 mV p-p
3000
80
AM30K-1205SH30IZ
9-18
5
5
80 mV p-p
3000
81
AM30K-1212SH30IZ
9-18
12
2.5
120 mV p-p
3000
84
AM30K-1215SH30IZ
9-18
15
2
150 mV p-p
3000
83
AM30K-1224SH30IZ
9-18
24
1.2
240 mV p-p
3000
82
AM30K-2403SH30IZ
18-36
3.3
6
80 mV p-p
3000
80
AM30K-2405SH30IZ
18-36
5
5
80 mV p-p
3000
80
AM30K-2412SH30IZ
18-36
12
2.5
120 mV p-p
3000
84
AM30K-2415SH30IZ
18-36
15
2
150 mV p-p
3000
83
AM30K-2424SH30IZ
18-36
24
1.2
240 mV p-p
3000
83
AM30K-4803SH30IZ
36-75
3.3
6
80 mV p-p
3000
77
AM30K-4805SH30IZ
36-75
5
5
80 mV p-p
3000
82
AM30K-4812SH30IZ
36-75
12
2.5
120 mV p-p
3000
84
AM30K-4815SH30IZ
36-75
15
2
150 mV p-p
3000
85
AM30K-4824SH30IZ
36-75
24
1.2
240 mV p-p
3000
85
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple & Noise
Typ.
Isolation
(VDC)
Efficiency
(%)
AM30K-1205DIZ
9-18
±5
±2.5
80 mV p-p
1500
83
AM30K-1212DIZ
9-18
±12
±1.25
120 mV p-p
1500
86
AM30K-1215DIZ
9-18
±15
±1
150 mV p-p
1500
87
AM30K-2405DIZ
18-36
±5
±2.5
80 mV p-p
1500
86
AM30K-2412DIZ
18-36
±12
±1.25
120 mV p-p
1500
88
AM30K-2415DIZ
18-36
±15
±1
150 mV p-p
1500
86
AM30K-4805DIZ
36-75
±5
±2.5
80 mV p-p
1500
86
AM30K-4812DIZ
36-75
±12
±1.25
120 mV p-p
1500
88
AM30K-4815DIZ
36-75
±15
±1
150 mV p-p
1500
88


Similar Part No. - AM30K-1215DH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-1215DH30IZ AIMTEC-AM30K-1215DH30IZ Datasheet
328Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-1215DH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com