Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL5-5SEMAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEL5-5SEMAZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-5SEMAZ Datasheet(HTML) 2 Page - AIMTEC

  AMEL5-5SEMAZ Datasheet HTML 1Page - AIMTEC AMEL5-5SEMAZ Datasheet HTML 2Page - AIMTEC AMEL5-5SEMAZ Datasheet HTML 3Page - AIMTEC AMEL5-5SEMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMEL5-MAZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
2 of 4
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
±0.5
%
Load regulation (single output)
0-100% load
±0.5
%
Cross Regulation (dual output)
25% load - 1
st out, 100% load – 2nd out
±5
%
Transient Recovery Time
200
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
20MHz bandwidth
100
mV p-p
Hold-up time (minimum)
15
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3sec
4000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
132
KHz
Start up time
900
mS
Over Load protection
Auto recovery, hiccup mode
>116%
Over voltage protection
Zener diode clamp
Short circuit protection
Continuous
Short Circuit restart
Auto recovery
Operating temperature
With derating above 50ºC
Refer to the models table above
oC
Storage temperature
-40 to +95
oC
Maximum Case temperature
100
oC
Temperature coefficient
0.02
% /
oC
Cooling
Free air convection
Humidity
Non condensing
20 ~ 95
% RH
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
30
g
Dimensions (L x W x H)
2.03 x 1.10 x 0.70 inches
51.5 x 28 x 17.8mm
MTBF
> 400 000 hrs (MIL-HDBK -217F, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Environment Approval
Parameters
Conditions
Shock
Wave form: Half sine wave
Acceleration amplitude: 5gn
Bump duration: 30 ms
Number of bumps: 18 (3 in each direction for every axis)
Converter operation before and after test, body mounted (on chassis)
Vibrations
Test mode: Sweep sine
10-100Hz, speed 0.05Hz/s
Displacement: 1mm
Acceleration: 3g
3 loops 30min one cycle, 3h total, every axis tested
Converter operation before and after test, body mounted (on chassis)


Similar Part No. - AMEL5-5SEMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-5SEMAZ AIMTEC-AMEL5-5SEMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-5SEMAZ AIMTEC-AMEL5-5SEMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-5SEMAZ AIMTEC-AMEL5-5SEMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-5SEMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com