Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL10-24SMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEL10-24SMAZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL10-24SMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEL10-24SMAZ Datasheet HTML 1Page - AIMTEC AMEL10-24SMAZ Datasheet HTML 2Page - AIMTEC AMEL10-24SMAZ Datasheet HTML 3Page - AIMTEC AMEL10-24SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEL10-MAZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.M
4 of 4
North America only
Derating
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
Ambient Temperature º C
Free Air Convection
70°C
40°C
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMEL10-24SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-24SMAZ AIMTEC-AMEL10-24SMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
AMEL10-24SMAZ AIMTEC-AMEL10-24SMAZ Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL10-24SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_16 Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SCJZ AIMTEC-AME10-3.3SCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com