Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL5-12DMAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL5-12DMAZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-12DMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL5-12DMAZ Datasheet HTML 1Page - AIMTEC AMEL5-12DMAZ Datasheet HTML 2Page - AIMTEC AMEL5-12DMAZ Datasheet HTML 3Page - AIMTEC AMEL5-12DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEL5-MAZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
AMEL5-3.3SMAZ
90-264/47-440
120-370
-25 to +80
3.3
1. 5
2200
68
AMEL5-5SMAZ
90-264/47-440
120-370
-25 to +80
5
1
1100
70
AMEL5-12SMAZ
90-264/47-440
120-370
-25 to +80
12
0.42
680
73
AMEL5-15SMAZ
90-264/47-440
120-370
-25 to +80
15
0.333
330
73
AMEL5-24SMAZ
90-264/47-440
120-370
-25 to +80
24
0.21
220
75
AMEL5-3.3SEMAZ
90-264/47-440
120-370
-40 to +80
3.3
1. 5
2200
68
AMEL5-5SEMAZ
90-264/47-440
120-370
-40 to +80
5
1
1100
70
AMEL5-12SEMAZ
90-264/47-440
120-370
-40 to +80
12
0.42
680
73
AMEL5-15SEMAZ
90-264/47-440
120-370
-40 to +80
15
0.333
330
73
AMEL5-24SEMAZ
90-264/47-440
120-370
-40 to +80
24
0.21
220
75
Models
Dual output
Model
Input Voltage
(VAC, Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL5-5DMAZ
90-264/47-440
120-370
-25 to +80
±5
±0.5
±470
72
AMEL5-12DMAZ
90-264/47-440
120-370
-25 to +80
±12
±0.21
±220
73
AMEL5-15DMAZ
90-264/47-440
120-370
-25 to +80
±15
±0.168
±150
75
AMEL5-5DEMAZ
90-264/47-440
120-370
-40 to +80
±5
±0.5
±470
72
AMEL5-12DEMAZ
90-264/47-440
120-370
-40 to +80
±12
±0.21
±220
73
AMEL5-15DEMAZ
90-264/47-440
120-370
-40 to +80
±15
±0.168
±150
75
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
120
mA
230 VAC
70
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
0.2
mA
External fuse
Recommended slow blow type
1.5
A
Input Dissipation (No Load)
<0.3
W
Start up time
Soft Start
15
mS
Under Voltage Protection
89
VAC
• I/O Isolation 4000VAC
• RoHS compliant
• Operating Temp: -40 oC to +80 oC or -25 oC to +80 oC
• Energy Star compliant
• Input: 90-264VAC, 47-440Hz, or 120-370VDC
• Ultra small package
• Over load, Over Voltage, Short Circuit Protection
• Soft start
CB


Similar Part No. - AMEL5-12DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-12DMAZ AIMTEC-AMEL5-12DMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-12DMAZ AIMTEC-AMEL5-12DMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12DMAZ AIMTEC-AMEL5-12DMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-12DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com