Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLDP-1660Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMLDP-1660Z
Description  Up to 1000mA | LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDP-1660Z Datasheet(HTML) 2 Page - AIMTEC

  AMLDP-1660Z Datasheet HTML 1Page - AIMTEC AMLDP-1660Z Datasheet HTML 2Page - AIMTEC AMLDP-1660Z Datasheet HTML 3Page - AIMTEC AMLDP-1660Z Datasheet HTML 4Page - AIMTEC AMLDP-1660Z Datasheet HTML 5Page - AIMTEC AMLDP-1660Z Datasheet HTML 6Page - AIMTEC AMLDP-1660Z Datasheet HTML 7Page - AIMTEC AMLDP-1660Z Datasheet HTML 8Page - AIMTEC AMLDP-1660Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 18
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Weight
1.8
g
Dimensions (L x W x H)
0.50 x 0.40 x 0.27 inches
12.70 x 10.16 x 6.85 mm
MTBF
> 3,300,000 hrs (MIL-HDBK-217 F at +25
oC)
Maximum soldering temperature
1.5mm from case for 10sec
260
oC
NOTES:
1.Reversed polarity at the input power will damage the driver. The input ground must not be connected to the negative output.
2.Leave the pin VADJ opened if not used , grounding VADJ will shut the driver off, connecting VADJ to +Vin will damage the driver.
3.Maximum output open voltage is equal to input voltage
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN55015: 2007+A2: 2009
EN61547: 2009
IEC 61000-4-2: 2008
IEC 61000-4-3: 2006+A1: 2007+A2: 2010
IEC 61000-4-4: 2004+A1: 2010
IEC 61000-4-5: 2005
IEC 61000-4-6: 2008
IEC 61000-4-8: 2009
IEC 61000-4-11: 2004
NOTE: also designed to meet EN609501
Pin Out Specifications
Pin
Single
1
+ V Input
+ DC Supply
4
+ V Output
LED Anode connection
5
- V Output
LED Cathode connection
7
Vadj
PWM/ON/OFF or not used
8
- V Input
- DC Supply
Dimensions
12.70
(0.50)
10.16
(0.40)
0.50
(0.02)
7.62
(0.30)
2.54
(0.10)
7.62
(0.30)
Bottom View
6.85
(0.27)
3.05
(0.12)
2.54
(0.10)
0.50
(0.02)
1
4
5
7
8
NOTES: All dimensions are in millimeters (inch)
Pin Diameter: 0.5 ± 0.05 (0.02 ± 0.002)
Pin Pitch Tolerance: ± 0.35 (± 0.014)
Case Tolerance: ± 0.5 (± 0.02)


Similar Part No. - AMLDP-1660Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLDP-1660Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com