Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSR1-781.5Z Datasheet(PDF) 1 Page - AIMTEC

Part # AMSR1-781.5Z
Description  Up to 5 Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR1-781.5Z Datasheet(HTML) 1 Page - AIMTEC

  AMSR1-781.5Z Datasheet HTML 1Page - AIMTEC AMSR1-781.5Z Datasheet HTML 2Page - AIMTEC AMSR1-781.5Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AMSR1-78Z
Up to 5 Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.F
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Max
Capacitive
Load (uF)
Efficiency
Vin Max
(%)
Efficiency
Vin Min
(%)
AMSR1-781.5Z
4.75-18
1.5
1000
220
78
72
AMSR1-781.8Z
4.75-18
1.8
1000
220
82
76
AMSR1-782.5Z
4.75-18
2.5
1000
220
87
81
AMSR1-783.3Z
4.75-18
3.3
1000
220
90
85
AMSR1-7805Z
6.50-18
5
1000
220
94
89
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
Absolute Maximum Rating
-.0.3~20
VDC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto-Recovery
Line voltage regulation
Vin=(LL-HL) at full load
±0.5
%
Load voltage regulation
10-100% load
±0.6
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
60
mV p-p
Minimum Load Current
10
% of Iout max
Capacitive load
220
uF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
With derating above +60
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
2
g
Dimensions (L x W x H)
0.46 x 0.29 x 0.40 inches
11.70 x 7.40 x 10.20 mm
MTBF
> 4300000 hrs (MIL-HDBK-217F, Ground Benign, t=+25 oC)
Maximum soldering temperature
1.5 mm from case for 10sec
260
oC
• 3 Pin SIP package
• No heatsink required
• Non-isolated regulated output
• Operating temperature -40°C to +85°C
• Short circuit protection
High efficiency Up To 94%
• Pin-out compatible with LM78XX
Linear Regulators
• Low ripple and noise


Similar Part No. - AMSR1-781.5Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-781.5Z AIMTEC-AMSR1-781.5Z Datasheet
258Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSR1-781.5Z AIMTEC-AMSR1-781.5Z Datasheet
130Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSR1-781.5Z AIMTEC-AMSR1-781.5Z Datasheet
278Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
More results

Similar Description - AMSR1-781.5Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-78Z AIMTEC-AMSR1-78Z_13 Datasheet
271Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSR1-78Z AIMTEC-AMSR1-78Z_16 Datasheet
278Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_12 Datasheet
143Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_12 Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_13 Datasheet
313Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_13 Datasheet
280Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com