Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSR2-78-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMSR2-78-NZ
Description  Up to 13 Watt | DC-DC Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR2-78-NZ Datasheet(HTML) 3 Page - AIMTEC

  AMSR2-78-NZ_12 Datasheet HTML 1Page - AIMTEC AMSR2-78-NZ_12 Datasheet HTML 2Page - AIMTEC AMSR2-78-NZ_12 Datasheet HTML 3Page - AIMTEC AMSR2-78-NZ_12 Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AMSR2-78-NZ
Up to 13 Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
3 of 4
North America only
Typical Application Circuit
AMSR2-78Z
C1
+Vin
GND
C2
+Vout
GND
10uF
22uF
1
2
3
C1: A low ESR capacitor is required to keep the noise of the converter to a minimum. Ceramic capacitors are recommended
with typical value is 10µF / 25V.
C2: Installation of C2 is recommended with typical value of 22µF / 16V ceramic for 5V and 6.5V output signal and 22µF /
6.3V ceramic for 2.5V and 3.3V output signal.
NOTE: This part is not designed for parallel operation.
Free Air Convection
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
71 C
º


Similar Part No. - AMSR2-78-NZ_12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_13 Datasheet
303Kb / 4P
   Up t o 13 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_16 Datasheet
136Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
More results

Similar Description - AMSR2-78-NZ_12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_16 Datasheet
136Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_13 Datasheet
303Kb / 4P
   Up t o 13 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR1-78Z AIMTEC-AMSR1-78Z_12 Datasheet
109Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_12 Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_13 Datasheet
313Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_13 Datasheet
280Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com