Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 8 Page - Analog Devices

Part # AD883B
Description  Low Noise, 90 MHz Variable-Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 8 Page - Analog Devices

Back Button AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices AD883B Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
REV. C
–8–
AD603
VC
90
10
80
50
40
30
20
70
60
–0.2
2.2
0.2
0.6
1.0
1.4
1.8
Figure 9. SNR for Cascaded Stages—Sequential Control
VC
2.0
–0.5
–2.0
–0.2
1.5
0.0
–1.0
–1.5
1.0
0.5
0.0 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Figure 10. Gain Error for Cascaded Stages—Sequential
Control
Parallel Mode (Simplest Gain-Control Interface)
In this mode, the gain-control of voltage is applied to both inputs
in parallel—the GPOS pins of both A1 and A2 are connected to
the control voltage and the GNEW inputs are grounded. The
gain scaling is then doubled to 80 dB/V, requiring only a 1.00 V
change for an 80 dB change of gain:
Gain (dB) = 80 VG + GO
(4)
where, as before GO depends on the range selected; for example,
in the maximum-bandwidth mode, GO is +20 dB. Alternatively,
the GNEG pins may be connected to an offset voltage of
+0.500 V, in which case, GO is –20 dB.
The amplitude of the gain ripple in this case is also doubled, as
shown in Figure 11, while the instantaneous signal-to-noise ratio
at the output of A2 now decreases linearly as the gain increased
(Figure 12).
VC
2.0
–0.5
–2.0
–0.2
1.5
0.0
–1.0
–1.5
1.0
0.5
0.0 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Figure 11. Gain Error for Cascaded Stages–Parallel
Control
VC
–0.2
90
85
80
75
70
65
60
55
50
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 12. ISNR for Cascaded Stages–Parallel Control
Low Gain Ripple Mode (Minimum Gain Error)
As can be seen from Figures 9 and 10, the error in the gain is
periodic, that is, it shows a small ripple. (Note that there is also
a variation in the output offset voltage, which is due to the gain
interpolation, but this is not exact in amplitude.) By offsetting
the gains of A1 and A2 by half the period of the ripple, that is,
by 3 dB, the residual gain errors of the two amplifiers can be
made to cancel. Figure 13 shows that much lower gain ripple
when configured in this manner. Figure 14 plots the ISNR as a
function of gain; it is very similar to that in the “Parallel Mode.”


Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD883B AD-AD883B Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD883B AD-AD883B Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD883B AD-AD883B Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
AD883B AD-AD883B Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com