Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 9 Page - Analog Devices

Part # AD883B
Description  Low Noise, 90 MHz Variable-Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices AD883B Datasheet HTML 12Page - Analog Devices AD883B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD603
REV. C
–9–
VC
3.0
–0.1
2.5
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 1.1
Figure 13. Gain Error for Cascaded Stages–Low Ripple
Mode
VC
–0.2
90
85
80
75
70
65
60
55
50
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 14. ISNR vs. Control Voltage–Low Ripple Mode
THEORY OF THE AD603
A Low Noise AGC Amplifier
Figure 15 shows the ease with which the AD603 can be connected
as an AGC amplifier. The circuit illustrates many of the points
previously discussed: It uses few parts, has linear-in-dB gain,
operates from a single supply, uses two cascaded amplifiers in
sequential gain mode for maximum S/N ratio, and an external
resistor programs each amplifier’s gain. It also uses a simple
temperature-compensated detector.
The circuit operates from a single 10 V supply. Resistors R1,
R2, R3, and R4 bias the common pins of A1 and A2 at 5 V.
This pin is a low impedance point and must have a low impedance
path to ground, here provided by the 100
µF tantalum capacitors
and the 0.1
µF ceramic capacitors.
The cascaded amplifiers operate in sequential gain. Here, the
offset voltage between the pins 2 (GNEG) of A1 and A2 is
1.05 V (42.14 dB
× 25 mV/dB), provided by a voltage divider
consisting of resistors R5, R6, and R7. Using standard values,
the offset is not exact, but it is not critical for this application.
The gain of both A1 and A2 is programmed by resistors R13
and R14, respectively, to be about 42 dB; thus the maximum
gain of the circuit is twice that, or 84 dB. The gain-control
range can be shifted up by as much as 20 dB by appropriate
choices of R13 and R14.
The circuit operates as follows. A1 and A2 are cascaded.
Capacitor C1 and the 100
Ω of resistance at the input of A1
form a time-constant of 10
µs. C2 blocks the small dc offset
voltage at the output of A1 (which might otherwise saturate A2
at its maximum gain) and introduces a high-pass corner at about
16 kHz, eliminating low frequency noise.
A half-wave detector is used, based on Q1 and R8. The current
into capacitor CAV is just the difference between the collector
current of Q2 (biased to be 300
µA at 300 K, 27°C) and the col-
lector current of Q1, which increases with the amplitude of the
A2
AD603
10V
C8
0.1 F
C2
0.1 F
R14
2.49k
10V
+
R4
2.49k
C6
0.1 F
C5
100 F2
R3
2.49k
A1
AD603
10V
C7
0.1 F
C1
0.1 F
R13
2.49k
10V
+
R2
2.49k
C4
0.1 F
C3
100 F2
R1
2.49k
RT
100 1
J1
R7
3.48k
R6
1.05k
R5
5.49k
1V OFFSET FOR
SEQUENTIAL GAIN
5.5V
6.5V
NOTES
1R
T PROVIDES A 50
INPUT IMPEDANCE
2C3 AND C5 ARE TANTALUM
10V
AGC LINE
CAV
0.1 F
THIS CAPACITOR SETS
AGC TIME CONSTANT
VAGC
R9
1.54k
R8
806
Q1
2N3904
Q2
2N3906
R10
1.24k
R11
3.83k
5V
R12
4.99k
C11
0.1 F
C9
0.1 F
10V
J2
C10
0.1 F
Figure 15. A Low Noise AGC Amplifier


Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD883B AD-AD883B Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD883B AD-AD883B Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD883B AD-AD883B Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
AD883B AD-AD883B Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com