Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSR1.5-782.5L-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMSR1.5-782.5L-NZ
Description  Up to 9.75 Watt | DC-DC Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR1.5-782.5L-NZ Datasheet(HTML) 1 Page - AIMTEC

  AMSR1.5-782.5L-NZ Datasheet HTML 1Page - AIMTEC AMSR1.5-782.5L-NZ Datasheet HTML 2Page - AIMTEC AMSR1.5-782.5L-NZ Datasheet HTML 3Page - AIMTEC AMSR1.5-782.5L-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMSR1.5-78-NZ
Up to 9.75 Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 4
North America only
FEATURES:
• 3 Pin SIP Package
• Operating temperature -40°C to +85°C
Pin-out compatible with LM78XX Linear Regulators
Wide input range
• Continuous Short Circuit Protection
Very High Efficiency Up To 95%
• Non-Isolated Regulated Output
• Low ripple and noise
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Efficiency
Vin Min (%)
Efficiency
Vin Max (%)
AMSR1.5-782.5-NZ
4.75-18
2.5
1.5
85
88
AMSR1.5-783.3-NZ
4.75-18
3.3
1.5
88
91
AMSR1.5-7805-NZ
6.5-18
5
1.5
91
93
AMSR1.5-786.5-NZ
8-18
6.5
1.5
93
95
AMSR1.5-782.5L-NZ
4.75-18
2.5
1.5
85
88
AMSR1.5-783.3L-NZ
4.75-18
3.3
1.5
88
91
AMSR1.5-7805L-NZ
6.5-18
5
1.5
91
93
AMSR1.5-786.5L-NZ
8-18
6.5
1.5
93
95
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Input Specifications
Nominal
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
Quiescent Current
Vin=(LL-HL) at full load
5
10
mA
Short Circuit consumption
0.5
1.8
W
Output Specifications
Output Specifications
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±3
%
Short Circuit protection
Continuous.
Short circuit restart
Auto recovery
Output current limit
5
A
Thermal shutdown
Internal IC junction
150
ºC
Dynamic load stability
10-100% load
±100
mV
Line voltage regulation
Vin=(LL-HL) at full load
±0.75
%
Load voltage regulation
10-100% load
±1
%
Temperature coefficient
-40°C to +85°C ambient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
45
mV p-p
Maximum Capacitive Load
1000
µF
General Specifications
Input Specifications
Conditions
Typical
Maximum
Units
Switching frequency
100% load
340
KHz
Operating temperature
With derating above 71°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94-V0 rated)
Weight
4
g
Dimensions (L x W x H)
0.45 X 0.35 X 0.69 inch
11.50 X 8.90 X 17.50 mm
MTBF
> 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Soldering Temperature
1.5 mm from case for 10 sec
300
oC


Similar Part No. - AMSR1.5-782.5L-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1.5-782.5-NZ AIMTEC-AMSR1.5-782.5-NZ Datasheet
266Kb / 4P
   Up to 9 .75 Watt | DC-DC Converter
More results

Similar Description - AMSR1.5-782.5L-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1.5-78-NZ AIMTEC-AMSR1.5-78-NZ_16 Datasheet
130Kb / 4P
   Up to 9.75 Watt | DC-DC Switching Regulator
AMSR1.5-78-NZ AIMTEC-AMSR1.5-78-NZ_13 Datasheet
292Kb / 4P
   Up to 9.75 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR1-78Z AIMTEC-AMSR1-78Z_12 Datasheet
109Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_12 Datasheet
143Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_12 Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_13 Datasheet
313Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com