Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD605AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD605AR
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605AR Datasheet(HTML) 5 Page - Analog Devices

  AD605AR Datasheet HTML 1Page - Analog Devices AD605AR Datasheet HTML 2Page - Analog Devices AD605AR Datasheet HTML 3Page - Analog Devices AD605AR Datasheet HTML 4Page - Analog Devices AD605AR Datasheet HTML 5Page - Analog Devices AD605AR Datasheet HTML 6Page - Analog Devices AD605AR Datasheet HTML 7Page - Analog Devices AD605AR Datasheet HTML 8Page - Analog Devices AD605AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD605
–5–
REV. C
FREQUENCY (Hz)
60
40
–60
100k
1M
100M
10M
0
–20
–40
20
VGN = 2.9V (FBK = OPEN)
VGN = 2.9V (FBK = SHORT)
VGN = 1.5V (FBK = OPEN)
VGN = 1.5V (FBK = SHORT)
VGN = 0.1V (FBK = OPEN)
VGN = 0.1V (FBK = SHORT)
VGN = 0.0V
TPC 10. AC Response
VGN (V)
1000
100
1
0.1
0.5
2.1
10
0.9
1.3
1.7
2.5
2.9
TPC 13. Input Referred Noise vs.
VGN
Frequency ( )
100
10
0.1
110
1k
100
1
VGN = 2.9V
RSOURCE ALONE
TPC 16. Input Referred Noise vs.
RSOURCE
VGN (V)
2.525
2.475
0
0.5
3.0
1.0
1.5
2.0
2.5
2.520
2.495
2.490
2.485
2.480
2.515
2.510
2.500
2.505
VOCM = 2.50V
–40 C
+25 C
+85 C
TPC 11. Output Offset vs. VGN
TEMPERATURE ( C)
2.00
1.75
1.60
–40
90
–20
0
20
4060
80
1.95
1.80
1.70
1.65
1.90
1.85
VGN = 2.9V
TPC 14. Input Referred Noise vs.
Temperature
RSOURCE ( )
30
25
5
110
1k
100
15
10
20
VGN = 2.9V
TPC 17. Noise TPC vs. RSOURCE
VGN (V)
130
90
125
110
105
100
95
120
115
0
0.5
3.0
1.0
1.5
2.0
2.5
+85 C
+25 C
–40 C
TPC 12. Output Referred Noise vs.
VGN
FREQUENCY (Hz)
1.90
1.85
1.60
100k
1M
10M
1.80
1.75
1.70
1.65
VGN = 2.9V
TPC 15. Input Referred Noise vs.
Frequency
VGN (V)
60
0
0.1
0.5
2.9
0.9
1.3
1.7
2.1
2.5
50
40
30
20
10
RS = 50
TPC 18. Noise TPC vs. VGN


Similar Part No. - AD605AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605AR AD-AD605AR Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605AR AD-AD605AR Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605AR-REEL AD-AD605AR-REEL Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605AR-REEL AD-AD605AR-REEL Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605AR-REEL7 AD-AD605AR-REEL7 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
More results

Similar Description - AD605AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com