Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP.10H.01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP.10H.01
Description  10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP.10H.01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP.10H.01 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP.10H.01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SPE-11-8-101/C/SS |
page 6 of 11
6. Radiation Patterns
6.1 XZ Plane
Pattern Model No. Test Mode Freq (MHz) Max Gain(dBi) Min Gain(dBi) Avg. Gain(dBi) Source Polar.
Date
1
AP.10H.01
XZ
1620.00
-9.20 / 42.00 -11.99 / 147.00
-10.24
RHCP
2010/4/29
-8
-10
-15
-20
-25
-30
-35
-40
90
270
180
0


Similar Part No. - AP.10H.01

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP.10H.01 TAOGLAS-AP.10H.01 Datasheet
790Kb / 12P
   rohs compliant
More results

Similar Description - AP.10H.01

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP10H01 TAOGLAS-AP10H01 Datasheet
860Kb / 10P
   10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
logo
List of Unclassifed Man...
AP10H01 ETC2-AP10H01 Datasheet
1Mb / 11P
   10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
AP10G01 ETC2-AP10G01 Datasheet
1Mb / 11P
   10mm SMT 14dB Active GPS Patch Antenna With Front End Saw Filter
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25E070054A ETC2-AP25E070054A Datasheet
1Mb / 11P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP10F070039B ETC2-AP10F070039B Datasheet
1Mb / 11P
   2 Stage 25dB 10mm Active Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI with Front End SAW Filter
logo
Taoglas antenna solutio...
AP10G01 TAOGLAS-AP10G01 Datasheet
856Kb / 10P
   10mm SMT 14dB Active GPS/GALILEO Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com