Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR4311 Datasheet(PDF) 2 Page - International Rectifier

Part # IR4311
Description  Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4311 Datasheet(HTML) 2 Page - International Rectifier

  IR4311 Datasheet HTML 1Page - International Rectifier IR4311 Datasheet HTML 2Page - International Rectifier IR4311 Datasheet HTML 3Page - International Rectifier IR4311 Datasheet HTML 4Page - International Rectifier IR4311 Datasheet HTML 5Page - International Rectifier IR4311 Datasheet HTML 6Page - International Rectifier IR4311 Datasheet HTML 7Page - International Rectifier IR4311 Datasheet HTML 8Page - International Rectifier IR4311 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IR4301,IR4311
2
www.irf.com
© 2012 International Rectifier
December 5, 2012
Table of Contents
Page
Typical Connection Diagram
3
Qualification Information
4
Absolute Maximum Ratings
5
Recommended Operating Conditions
6
Electrical Characteristics
7
Functional Block Diagram
10
Input/Output Pin Equivalent Circuit Diagram
11
Lead Definitions
12
Lead Assignments
12
Package Details
13
Part Marking Information
14
Ordering Information
14


Similar Part No. - IR4311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4311M IRF-IR4311M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
logo
Infineon Technologies A...
IR4311M INFINEON-IR4311M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
logo
International Rectifier
IR4311MTRPBF IRF-IR4311MTRPBF Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4311MTRPBF IRF-IR4311MTRPBF Datasheet
1Mb / 15P
   High peak music power output
More results

Similar Description - IR4311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
logo
International Rectifier
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
   2 channel integrated analog input Class D audio amplifier driver
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
   Analog Signal Input Class D Amplifier
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com