Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1007R6-R33-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FP1007R6-R33-R
Description  High Current, High Frequency, Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP1007R6-R33-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FP1007R6-R33-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FP1007R6-R33-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1007R6-R33-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1007R6-R33-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0912
BU-SB12795
Page 3 of 4
Data Sheet: 10007
Core Loss
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
120%
140%
160%
% of Isat1
% of OCL vs. Isat1
-40°C
+100°C
+25°C
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
Bp-p (Gauss)
Core Loss vs. Bp-p
100kHz
200kHz
500kHz
1MHz
300kHz
Inductance Characteristics


Similar Part No. - FP1007R6-R33-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP1007R6-R33-R EATON-FP1007R6-R33-R Datasheet
1Mb / 4P
   High frequency, high current power inductors
More results

Similar Description - FP1007R6-R33-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP1308R1-R11-R COOPER-FP1308R1-R11-R Datasheet
476Kb / 4P
   High Current, High Frequency, Power Inductors
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
   High Current, High Frequency, Power Inductors
FP1007R1-R12-R COOPER-FP1007R1-R12-R Datasheet
491Kb / 4P
   High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
   High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
   High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
   High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
   High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
   High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
   High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
   High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
   High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com