Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2432L-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2432L-R
Description  The SE2432L is a high performance, fully integrated RF Front End Module designed for ZigBee/Smart Energy applications.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2432L-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2432L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DATA SHEET
SE2432L: 2.4 GHz Smart Energy/ZigBee Front End Module
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00322  Rev 2.2 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
6 of 14
Logic Controls
Conditions: VCC1 = VCC2 = 3.0 V, TA = 25
C
Mode
Mode description
Note
CPS
CSD
CTX
0
All off (sleep mode)
1, 3
0
0
0
1
Rx bypass mode
1, 2
0
1
0
2
Rx LNA mode
1, 2
1
1
0
4
Tx mode
1, 2
X
1
1
Note:
(1) Logic ‘0’ level compliant to V
IL as specified in the “Logic Characteristics” table
(2) Logic ‘1’ level compliant to V
IH as specified in the “Logic Characteristics” table
(3) All controls must be at logic ‘0’ in order to achieve the specified sleep current
Conditions: VCC1 = VCC2 = 3.0 V, TA = 25
C
Mode description
Note
CPS
CSD
CTX
ANT_SEL
ANT1 port enabled
1
X
X
X
0
ANT2 port enabled
2
X
X
X
1
Note:
(1) Logic ‘0’ level compliant to V
IL as specified in the “Logic Characteristics” table
(2) Logic ‘1’ level compliant to V
IH as specified in the “Logic Characteristics” table
AC Electrical Characteristics, Transmit
Conditions: VB_IN = VB_OUT = 1.6 to 3.6 V, VCC1 = VCC2 = 3.0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2432L-EK1 evaluation board (de-embedded to device), all unused ports terminated with
50 Ω, unless otherwise noted.
Symbol
Parameter
Condition
Note
Min.
Typ.
Max.
Unit
FIN
Frequency Range
2400
-
2483
MHz
Pout_Hi
Output power at
ANT1 or ANT2
ports
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 3.3 V
VCC1 = VCC2 = 3.0 V
VCC1 = VCC2 = 2.7 V
VCC1 = VCC2 = 2.0 V
1, 6
-
24.0
22.5
21.0
20.5
17.0
-
dBm
S21_Hi
Small Signal Gain
high power mode
2400 – 2483 MHz
20
22
24
dB
ΔS21
Small Signal Gain
Variation
Gain variation across all
ZigBee channels
1
-
-
1
dBp-p
HD2, HD3
2
nd, 3rd Harmonics
POUT = 20 dBm
1, 2
-
-
-42
dBm/MHz
S22
Output return loss
At ANT1 or ANT2 ports
1
-
-10
-5
dB


Similar Part No. - SE2432L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2432L-R SKYWORKS-SE2432L-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2432L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
   Designed for RF Front-end Applications
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
   Fully integrated RF front-end for GPS
logo
Murata Manufacturing Co...
SF1186H MURATA-SF1186H Datasheet
371Kb / 5P
   RF Filter Designed for Front End GPS Applications
SF1186H-2 MURATA-SF1186H-2 Datasheet
561Kb / 5P
   RF Filter Designed for Front End GPS Applications
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com