Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD625JN Datasheet(PDF) 5 Page - Analog Devices

Part # AD625JN
Description  Programmable Gain Instrumentation Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD625JN Datasheet(HTML) 5 Page - Analog Devices

  AD625JN Datasheet HTML 1Page - Analog Devices AD625JN Datasheet HTML 2Page - Analog Devices AD625JN Datasheet HTML 3Page - Analog Devices AD625JN Datasheet HTML 4Page - Analog Devices AD625JN Datasheet HTML 5Page - Analog Devices AD625JN Datasheet HTML 6Page - Analog Devices AD625JN Datasheet HTML 7Page - Analog Devices AD625JN Datasheet HTML 8Page - Analog Devices AD625JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SUPPLY VOLTAGE –
V
20
0
15
10
5
0
510
15
20
25 C
Figure 1. Input Voltage Range vs.
Supply Voltage, G = 1
FREQUENCY – Hz
–160
0
10
100
1k
10k
100k
10M
–140
–120
–100
–80
–60
–40
–20
0
G = 1000
G = 100
G = 10
G = 1
Figure 4. CMRR vs. Frequency
RTI, Zero to 1 k
Ω Source Imbal-
ance
WARM-UP TIME – Minutes
–1
0
0
1
2
3
4
5
6
7
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Figure 7. Offset Voltage, RTI, Turn
On Drift
SUPPLY VOLTAGE –
V
20
0
15
10
5
0
510
15
20
Figure 2. Output Voltage Swing
vs. Supply Voltage
FREQUENCY – Hz
30
1k
20
10
0
10k
100k
1M
G = 500
G = 1, 100
G = 1000
G = 100
BANDWIDTH
LIMITED
Figure 5. Large Signal Frequency
Response
FREQUENCY – Hz
160
10
140
120
100
80
60
40
20
0
100
1k
10k
100k
–VS = –15V dc+
1V p-p SINEWAVE
G = 500
G = 100
G = 1
Figure 8. Negative PSRR vs.
Frequency
LOAD RESISTANCE –
30
10
20
10
0
100
1k
10k
Figure 3. Output Voltage Swing
vs. Load Resistance
FREQUENCY – Hz
100
1000
100
10
1
1k
10k
100k
1M
10M
Figure 6. Gain vs. Frequency
FREQUENCY – Hz
160
10
140
120
100
80
60
40
20
0
100
1k
10k
100k
+VS = +15V dc+
1V p-p SINEWAVE
G = 500
G = 100
G = 1
Figure 9. Positive PSRR vs.
Frequency
Typical Performance Characteristics–AD625
REV. D
–5–


Similar Part No. - AD625JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625JN AD-AD625JN Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
AD625JNZ ETC-AD625JNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
More results

Similar Description - AD625JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com