Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6458 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6458
Description  GSM 3 V Receiver IF Subsystem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6458 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6458 Datasheet HTML 3Page - Analog Devices AD6458 Datasheet HTML 4Page - Analog Devices AD6458 Datasheet HTML 5Page - Analog Devices AD6458 Datasheet HTML 6Page - Analog Devices AD6458 Datasheet HTML 7Page - Analog Devices AD6458 Datasheet HTML 8Page - Analog Devices AD6458 Datasheet HTML 9Page - Analog Devices AD6458 Datasheet HTML 10Page - Analog Devices AD6458 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD6458
–7–
REV. 0
VGAIN – Volts
–8
–9
–15
0
2.5
0.5
1.0
1.5
2.0
–11
–12
–13
–14
–10
VPOS = 3.6V
TA = +85°C
VPOS = 3.0V
TA = +85°C
VPOS = 3.6V
TA = +25°C
VPOS = 3.0V
TA = +25°C
VPOS = 3.0V
TA = –25°C
VPOS = 3.0V
TA = –40°C
Figure 11. Mixer Input 1 dB Compression Point vs. VGAIN,
VREF = 1.2 V, FRF = 83 MHz, FIF = 13 MHz
INTERMEDIATE FREQUENCY – dB
70
0
545
10
15
20
25
30
35
40
60
40
30
20
10
50
VGAIN = 0.2V
VGAIN = 1.0V
VGAIN = 1.5V
VGAIN = 2.25V
Figure 12. IF Amplifier and Demodulator Gain vs.
Frequency, TA = +25°C, VPOS = 3.0 V, VREF =1.2 V
VGAIN – Volts
70
60
–10
0
2.5
0.5
1.0
1.5
2.0
30
20
10
0
50
40
TA = –40°C TO +85°C
Figure 13. IF Amplifier and Demodulator Gain vs.
VGAIN, TA = +25°C, VPOS = 3.0 V, FIF = 13 MHz, VREF = 1.2 V
VGAIN – Volts
–5
–10
–60
0
2.5
0.5
1.0
1.5
2.0
–25
–40
–45
–50
–15
–20
–35
–30
–55
TA = –40°C
TA = –25°C
TA = +25°C
TA = +85°C
Figure 14. IF Amplifier/Demodulator Input 1 dB Compres-
sion Point vs. VGAIN, FIF =13 MHz, VREF = 1.2 V, TA = +25°C,
VPOS = 3.0 V
IF FREQUENCY – MHz
12000
6000
0
0
100
10
20
30
40
50
60
70
80
90
10000
8000
4000
2000
R SHUNT, VGAIN = 2.2V
C SHUNT, VGAIN = 1.0V
R SHUNT, VGAIN = 1.0V
R SHUNT, VGAIN = 0.2V
C SHUNT, VGAIN = 2.2V
C SHUNT, VGAIN = 0.2V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Figure 15. IF Amplifier Input Impedance vs. Frequency,
TA = +25°C, VPOS = 3.0 V, VREF = 1.2 V
GAIN VOLTAGE – Volts
1
0.8
0
0
2.5
0.5
1
1.5
2
0.2
–0.6
–0.8
–1
0.6
0.4
–0.4
–0.2
MIXER
IF AMP/DEMOD
Figure 16. AD6458 Gain Error vs. Gain Control Voltage,
Representative Part


Similar Part No. - AD6458

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6459ARS AD-AD6459ARS Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD645A AD-AD645A Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD645AH AD-AD645AH Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
More results

Similar Description - AD6458

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com