Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD645J Datasheet(PDF) 4 Page - Analog Devices

Part # AD645J
Description  Low Noise, Low Drift FET Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD645J Datasheet(HTML) 4 Page - Analog Devices

  AD645J Datasheet HTML 1Page - Analog Devices AD645J Datasheet HTML 2Page - Analog Devices AD645J Datasheet HTML 3Page - Analog Devices AD645J Datasheet HTML 4Page - Analog Devices AD645J Datasheet HTML 5Page - Analog Devices AD645J Datasheet HTML 6Page - Analog Devices AD645J Datasheet HTML 7Page - Analog Devices AD645J Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. B
–4–
AD645–Typical Characteristics (@ +25 C, 15 V unless otherwise noted)
100
1k
10k
100k
1.0
10
100
FREQUENCY – Hz
10
1M
0.1
1
Figure 7. Current Noise Spectral
Density vs. Frequency
1.0
10
100
SOURCE RESISTANCE –
1k
10 9
10 8
107
10 6
10 5
103
10 4
NOISE BANDWIDTH: 0.1 to 10Hz
Figure 10. Input Voltage Noise vs.
Source Resistance
0
1
23
45
WARM-UP TIME – Minutes
50
25
0
25
50
T = +25 C
A
V =
±15V
S
Figure 13. Change in Input Offset
Voltage vs. Warmup Time
1k
100
10
0
1
10
100
1k
10k
100k
FREQUENCY – Hz
Figure 8. Voltage Noise Spectral
Density vs. Frequency
10
15
20
25
5
100
10
0.1
0.01
CURRENT NOISE
VOLTAGE NOISE
TEMPERATURE – C
60
0
40
20
20
40
60
80
100 120 140
f = 1kHz
o
1
Figure 11. Voltage and Current
Noise Spectral Density vs.
Temperature
01
2
3
4
5
TIME FROM THERMAL SHOCK – Minutes
150
75
0
150
75
T
A = 25°C TO TA = 85°C
Figure 14. Change in Input Offset
Voltage vs. Time from Thermal
Shock
10
100
1k
10k
10
100
1000
FREQUENCY – Hz
1.0
100k
1
0.1
R = 10M
S
R = 1M
S
R = 100k
S
R = 100
S
Figure 9. Voltage Noise Spectral
Density vs. Frequency for Various
Source Resistances
100
1k
10k
100k
1.0
10
100
SOURCE RESISTANCE –
1M
10M
100M
1k
SOURCE
RESISTANCE
NOISE OF AD645
AND RESISTOR
RESISTOR NOISE
ONLY
Figure 12. Voltage Noise Spectral
Density @ 1 kHz vs. Source
Resistance
60
40
20
0
20
40
60
80
100
120 140
––
TEMPERATURE – C
10 9
10 10
10 11
10
12
10
13
10
14
10 9
10 10
10 11
10
12
10
13
10
14
INPUT
BIAS
CURRENT
INPUT
OFFSET
CURRENT
Figure 15. Input Bias and Offset
Currents vs. Temperature


Similar Part No. - AD645J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458ARS AD-AD6458ARS Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6459ARS AD-AD6459ARS Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
More results

Similar Description - AD645J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD545A AD-AD545A Datasheet
280Kb / 4P
   Monolithic Precision, Low Drift FET-Input Op Amp
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
Linear Technology
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
   Low Noise 200C Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com