Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEP-709SI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP-709SI
Description  EP7 POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP-709SI Datasheet(HTML) 1 Page - Allied Components International

  AEP-709SI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP7 POWER TRANSFORMER
AEP-709SI
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/27/12
EP7 Package in SMD
Operating temperature range: -40ºC to +85ºC
Storage temperature range: -40ºC to +85ºC
MECHANICAL
SCHEMATICS
All specifications subject to change without notice.
Inductance
Lp
@10KHz, 0.1V, 0Adc
(8 – 1)
Inductance
Lp
@10KHz, 0.1V, 1.5Adc
(8 – 1)
Leakage Inductance
Ls @100KHz,0.1V
(short 3~6, 8+7, 1+2)
(8 – 1)
Turn Ratio
@100KHz, 0.1V
(With no Gap)
(8 - 1) : (7 - 2)
Turn Ratio
@100KHz, 0.1V
(With no Gap)
(8 - 1) : (6 - 3)
Turn Ratio
@100KHz, 0.1V
(With no Gap)
(8 - 1) : (5 - 4)
2uH (
±10%)
1.7uH min.
82nH max
1 : 1 (
±3%)
1 : 1.8 (
±3%)
1 : 1.8 (
±3%)
DCR
(8 – 1)
DCR
(7 – 2)
DCR
(6 – 3)
DCR
(5 – 4)
Isolation Voltage
@60Hz, 1mA, 2s
(1,2) to (5,6)
24m
Ω ±30%
30m
Ω ±30%
145m
Ω ±15%
145m
Ω ±15%
1000 Vac
Reflow Condition:
Maximum reflow temperature is 250ºC/-5ºC
time is 20~40 sec.
Unit: mm
8
1
7
2
6
3
5
4
YYWW
AEP-709SI
ALLIED


Similar Part No. - AEP-709SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP-108SI ALLIED-AEP-108SI Datasheet
337Kb / 1P
   EP5 ADSL Transformer
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
   AUDIO TRANSFORMER
AEP-199SI ALLIED-AEP-199SI Datasheet
367Kb / 1P
   EP10 POWER TRANSFORMER
AEP-308SI ALLIED-AEP-308SI Datasheet
797Kb / 1P
   Transformer Surface Mount
AEP-322DI ALLIED-AEP-322DI Datasheet
1Mb / 1P
   MODEM ISOLATION TRANSFORMER
More results

Similar Description - AEP-709SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP7-709I ALLIED-AEP7-709I Datasheet
306Kb / 1P
   EP7 Power Transformer
AEP7-4006I ALLIED-AEP7-4006I Datasheet
437Kb / 1P
   EP7 Power Transformer
AEP7-4180 ALLIED-AEP7-4180 Datasheet
1Mb / 1P
   EP7 Transformer
logo
XFMRS Inc.
25-192-02X XFMRS-25-192-02X Datasheet
52Kb / 1P
   TRANSFORMER, EP7 SMT
XF5306-EP7S XFMRS-XF5306-EP7S Datasheet
39Kb / 1P
   TRANSFORMER, EP7 SMT
XF5306-EP7S XFMRS-XF5306-EP7S Datasheet
39Kb / 1P
   TRANSFORMER, EP7 SMT
logo
Ferroxcube Internationa...
CLA-EP7 FERROXCUBE-CLA-EP7 Datasheet
33Kb / 1P
   CLA-EP7
SPR-EP7 FERROXCUBE-SPR-EP7 Datasheet
25Kb / 1P
   SPR-EP7
logo
XFMRS Inc.
XF0707-1ADS XFMRS-XF0707-1ADS Datasheet
81Kb / 1P
   Inductor, EP7 SMT
XF0043-AD3S XFMRS-XF0043-AD3S Datasheet
67Kb / 1P
   EP7 Coupled Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com