Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD647 Datasheet(PDF) 1 Page - Analog Devices

Part # AD647
Description  Ultralow Drift, Dual BiFET Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD647 Datasheet(HTML) 1 Page - Analog Devices

  AD647 Datasheet HTML 1Page - Analog Devices AD647 Datasheet HTML 2Page - Analog Devices AD647 Datasheet HTML 3Page - Analog Devices AD647 Datasheet HTML 4Page - Analog Devices AD647 Datasheet HTML 5Page - Analog Devices AD647 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultralow Drift,
Dual BiFET Op Amp
AD647
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Offset Voltage Drift
Matched Offset Voltage
Matched Offset Voltage Over Temperature
Matched Bias Currents
Crosstalk: –124 dB at 1 kHz
Low Bias Current: 35 pA max Warmed Up
Low Offset Voltage: 250
V max
Low Input Voltage Noise: 2
V p-p
High Open Loop Gain: 108 dB
Low Quiescent Current: 2.8 mA max
Low Total Harmonic Distortion
Standard Dual Amplifier Pinout
Available in Hermetic Metal Can Package, Hermetic
Surface Mount (20-Pin LCC) and Chip Form
MIL-STD-883B Processing Also Available
Single Version Available: AD547
PRODUCT HIGHLIGHTS
1. The AD647 is guaranteed and tested to tight matching speci-
fications to ensure high performance and to eliminate the se-
lection and matching of single devices.
2. Laser wafer drift trimming reduces offset voltage and offset
voltage drifts to 250
µV and 2.5 µV/°C max.
3. Voltage noise is guaranteed at 4
µV p-p max (0.1 Hz to
10 Hz) on K, L and S grades.
4. Bias current (35 pA K, L, S; 75 pA J) is specified after five
minutes of operation.
5. Total supply current is a low 2.8 mA max.
6. High open loop gain ensures high linearity in precision instru-
mentation amplifier applications.
7. The standard dual amplifier pinout permits the direct substi-
tution of the AD647 for lower performance devices.
8. The AD647 is available in chip form.
PRODUCT DESCRIPTION
The AD647 is an ultralow drift, dual JFET amplifier that com-
bines high performance and convenience in a single package.
The AD647 uses the most advanced ion-implantation and laser
wafer drift trimming technologies to achieve the highest perfor-
mance currently available in a dual JFET. Ion-implantation per-
mits the fabrication of matched JFETs on a monolithic bipolar
chip. Laser wafer drift trimming trims both the initial offset volt-
age and its drift with temperature to provide offsets as low as
100
µV (250 µV max) and drifts of 2.5 µV/°C max.
In addition to outstanding individual amplifier performance, the
AD647 offers guaranteed and tested matching performance on
critical parameters such as offset voltage, offset voltage drift and
bias currents.
The high level of performance makes the AD647 especially well
suited for high precision instrumentation amplifier applications
that previously would have required the costly selection and
matching of space wasting single amplifiers.
The AD647 is offered in four performance grades, three com-
mercial (the J, K and L) and one extended (the S). All are sup-
plied in hermetically sealed 8-pin TO-99 packages and are
available processed to MIL-STD-883B. The LCC version is
also available processed to MIL-STD-883B.


Similar Part No. - AD647

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
AD6472BS AD-AD6472BS Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
More results

Similar Description - AD647

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com