Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG2436CI Datasheet(PDF) 1 Page - Allied Components International

Part # AG2436CI
Description  10/100/1000 Base T Single Port LAN Filter Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AG2436CI Datasheet(HTML) 1 Page - Allied Components International

  AG2436CI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 11/08/12
ALLIED
DATECODE
AG2436CI
SCHEMATICS
All specifications subject to change without notice.
MECHANICAL
10/100/1000 Base T Single Port LAN Filter Module
AG2436CI
LL: 0.5µH Max @ 100KHz, 200mV
Cw/w: 25PF TYP @ 100KHz, 200mV
DCR: 0.9
Operating Temp: -40ºC to +85ºC
Max
Ethernet based LAN, WAN and other networking applications
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
40MHz
AG2436CI
350
1CT:1CT
-1.1
-18
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AG2436CI
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
60-100MHz
-32
0.3-60MHz
-35
60MHz
Isolation
Dimensions: mm(inch)
Unless otherwise specified, all tolerances are ±0.25(0.010)
18.20(0.717)
12.15
(0.478)
0.46(0.018)
6.50
(0.256)
max
1.27(0.050)
0.25±0.13
(0.01±0.005)
0°~8°
16.00
(0.630)
1.30(0.051)
16.76
(0.660)
12.18
(0.479
13.97(0.550)
1.27(0.050)
0.76(0.030)


Similar Part No. - AG2436CI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG240128B ETC-AG240128B Datasheet
107Kb / 2P
   CONTROLLER AG240128B (240 DOTS X 128 DOTS)
logo
Allied Components Inter...
AG2401CI ALLIED-AG2401CI Datasheet
532Kb / 1P
   100/1000 Base T Single Port LAN Filter Module
AG2405CI ALLIED-AG2405CI Datasheet
485Kb / 1P
   10/100/1000 Base T Single Port LAN Filter Module
AG2405CS ALLIED-AG2405CS Datasheet
494Kb / 1P
   100/1000 Base T Single Port LAN Filter Module
logo
List of Unclassifed Man...
AG2406401 ETC-AG2406401 Datasheet
51Kb / 1P
   EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
More results

Similar Description - AG2436CI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AG2405CI ALLIED-AG2405CI Datasheet
485Kb / 1P
   10/100/1000 Base T Single Port LAN Filter Module
AG2405CS ALLIED-AG2405CS Datasheet
494Kb / 1P
   100/1000 Base T Single Port LAN Filter Module
AG2407SI ALLIED-AG2407SI Datasheet
490Kb / 1P
   100/1000 Base T Single Port LAN Filter Module
AG2401CI ALLIED-AG2401CI Datasheet
532Kb / 1P
   100/1000 Base T Single Port LAN Filter Module
AGSC-2411I ALLIED-AGSC-2411I Datasheet
289Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AH1601CI ALLIED-AH1601CI Datasheet
539Kb / 2P
   10/100 Base T Single Port LAN Filter Module
AHSC-0804S ALLIED-AHSC-0804S Datasheet
277Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1612S ALLIED-AHSC-1612S Datasheet
305Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1607CI ALLIED-AHSC-1607CI Datasheet
323Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1616S ALLIED-AHSC-1616S Datasheet
319Kb / 1P
   10/100 Base T Single Port LAN Filter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com