Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ4502 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJ4502
Description  30 AMPERE POWER TRANSISTOR PNP SILICON 100 VOLTS 200 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ4502 Datasheet(HTML) 4 Page - Motorola, Inc

  MJ4502 Datasheet HTML 1Page - Motorola, Inc MJ4502 Datasheet HTML 2Page - Motorola, Inc MJ4502 Datasheet HTML 3Page - Motorola, Inc MJ4502 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MJ4502
4
Motorola Bipolar Power Transistor Device Data
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MJ4502/D
*MJ4502/D*


Similar Part No. - MJ4502

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ4502 MOSPEC-MJ4502 Datasheet
101Kb / 3P
   POWER TRANSISTORS(30A,100V,200W)
logo
STMicroelectronics
MJ4502 STMICROELECTRONICS-MJ4502 Datasheet
277Kb / 5P
   COMPLEMENTARY HIGH POWER TRANSISTORS
logo
Central Semiconductor C...
MJ4502 CENTRAL-MJ4502 Datasheet
54Kb / 1P
   Power Transistors
logo
Savantic, Inc.
MJ4502 SAVANTIC-MJ4502 Datasheet
110Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJ4502 ONSEMI-MJ4502 Datasheet
134Kb / 4P
   High-Power PNP Silicon Transistor
October, 2009 ??Rev. 12
More results

Similar Description - MJ4502

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
   30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
logo
Central Semiconductor C...
2N6031 CENTRAL-2N6031 Datasheet
317Kb / 2P
   PNP SILICON POWER TRANSISTOR 140 VOLTS, 200 WATTS
logo
Motorola, Inc
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
MJE371 MOTOROLA-MJE371 Datasheet
122Kb / 4P
   4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com