Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDQ12V0U-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDQ12V0U-HF
Description  SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQ12V0U-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDQ12V0U-HF Datasheet HTML 1Page - Comchip Technology CPDQ12V0U-HF Datasheet HTML 2Page - Comchip Technology CPDQ12V0U-HF Datasheet HTML 3Page - Comchip Technology CPDQ12V0U-HF Datasheet HTML 4Page - Comchip Technology CPDQ12V0U-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD ESD Protection Diode
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
Direction of Feed
Reel Taping Specification
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.028
0.002
±
0.044
0.002
±
0.094 mm
0.059 + 0.004
7.008 MAX.
1.969 MIN.
0.512
0.020
±
SYMBOL
(mm)
(inch)
0.069
0.004
±
0.138
0.002
±
0.079
0.002
±
0.157 0.004
±
0.079
0.002
±
0.009 ± 0.001 0.314+0.012 / -0.004
0.43 MAX.
0.70
0.05
±
1.12
0.05
±
2.00
0.05
±
1.50
0.10
+
3.50
0.05
±
1.75
0.10
±
50.0 MIN.
13.0
0.50
±
2.40 mm
4.00
0.10
±
2.00
0.05
±
0.229 ± 0.020
8.00 +0.30 / -0.10
10.90 MAX.
178 MAX.
Comchip
SMD Diode Specialist
0402
(SOD-923F)
0402
(SOD-923F)
Page 3
Comchip Technology CO., LTD.
REV: A
QW-JP032
T
C
d
E
P0
P1
F
W
A
B
P


Similar Part No. - CPDQ12V0U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ3V3-HF COMCHIP-CPDQ3V3-HF Datasheet
113Kb / 6P
   IEC61000-4-2 Level 4 ESD protection.
CPDQ3V3U-HF COMCHIP-CPDQ3V3U-HF Datasheet
110Kb / 6P
   SMD ESD Protection Diode
CPDQ5V0-HF COMCHIP-CPDQ5V0-HF Datasheet
391Kb / 5P
   SMD ESD Protection Diode
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF Datasheet
350Kb / 5P
   SMD ESD Protection Diode
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF Datasheet
350Kb / 5P
   SMD ESD Protection Diode
More results

Similar Description - CPDQ12V0U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com