Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6630 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6630
Description  Differential, Low Noise IF Gain Block with Output Clamping
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6630 Datasheet(HTML) 7 Page - Analog Devices

  AD6630 Datasheet HTML 1Page - Analog Devices AD6630 Datasheet HTML 2Page - Analog Devices AD6630 Datasheet HTML 3Page - Analog Devices AD6630 Datasheet HTML 4Page - Analog Devices AD6630 Datasheet HTML 5Page - Analog Devices AD6630 Datasheet HTML 6Page - Analog Devices AD6630 Datasheet HTML 7Page - Analog Devices AD6630 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD6630
–7–
REV. 0
Table I. Typical S Parameters
Frequency
(MHz)
S11
S12
S21
S22
70
224.5
∠ –4.52°
–41.0
∠ –3.0°
24.1
∠ –8.8°
394.3
∠ –8.6°
170
264.8
∠ –32.9°
–31.4
∠ 0°
23.5
∠ –22.5°
382.4
∠ –21.9°
200
227.9
∠ –34.8°
–41.0
∠ –5°
23.2
∠ –26.4°
353.0
∠ –25.4°
250
209.5
∠ –36.2°
–40.6
∠ –2.3°
22.9
∠ –38.9°
328.9
∠ –29.2°
AGND
J3
11
2
C21
10nF
+
AGND
1
AGND
C15
1nF
C10
100nF
R1
200
AGND
2
C13
1 F
C16
10nF
+
1
AGND
C17
10nF
J1
PCTB3
C2
10nF
TP1
TEST P
1
2
3
AGND
TP2
TEST P
J6
SMA
J7
SMA
1
2
4
6
AGND
1
2
3
C1
10nF
L1
470nH
AGND
C12
10nF
C11
10nF
AGND
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
AD6630
U1
J2
NC1
NC2
IP2
IP1
IP1B
IP2B
CL1
CL2
VCC1
CD1
OP
VEE
C20
1nF
C19
100nF
AGND
AGND
C14
1nF
C4
100nF
C6
C7
C5
10nF
10nF
10nF
C8
C9
L2
T2
TC 8-1
AT224
AGND
2
1
T1
TC4–1W
AT224
J8
SMA
C3
10nF
R3
R2
200
C18
1 F
9
CMD
OPB
CD2
VCC2
1
2
1
4
6
1
2
3
Figure 14. Evaluation Board Schematic


Similar Part No. - AD6630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6630 AD-AD6630_15 Datasheet
132Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
More results

Similar Description - AD6630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6630 AD-AD6630_15 Datasheet
132Kb / 8P
   Differential, Low Noise IF Gain Block with Output Clamping
REV. 0
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
[Old version datasheet]   INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Analog Devices
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
   RF/IF Gain Block
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
   RF/IF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com